전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E50-R

  • AI
    Based on the technical specifications for the **E50-R** (commonly referring to the **Autonics E50-R Series** retroreflective rotary encoders), the device is a precision electronic instrument used to convert mechanical displacement into electrical signals. Below is a breakdown of its electronic components, internal circuitry, and functional specifications. --- ## 1. Internal Electronic Architecture The E50-R operates on an optical sensing principle. The internal electronics consist of the following stages: | Component | Function | | :--- | :--- | | **Infrared LED** | The light source that emits a beam toward the rotating disc. | | **Photo-Transistor / IC** | Receives light pulses through the slotted disc and converts them into low-level electrical signals. | | **Signal Conditioner** | A Schmitt trigger or comparator that converts the analog pulses into clean square waves. | | **Output Driver** | Amplifies the signal to the required voltage/current levels for PLC or controller interfacing. | --- ## 2. Output Configurations The "R" in the E50 series typically denotes the mechanical/optical configuration, but the electronic output varies by specific model number (e.g., E50S8-100-3-T-24). ### Common Output Types 1. **Totem Pole Output:** * Compatible with NPN and PNP inputs. * Provides high-speed response and stable signal transmission over medium distances. 2. **NPN Open Collector:** * Requires a pull-up resistor. * Ideal for interfacing with different logic voltage levels. 3. **Voltage Output:** * Direct voltage signal output relative to the power supply. 4. **Line Driver (RS-422A):** * Uses differential signaling for high-noise environments and long-distance transmission. --- ## 3. Technical Specifications Electronic performance is defined by the following parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Power Supply** | 5VDC ±5% or 12-24VDC ±5% | | **Current Consumption** | Max. 80mA (Line Driver: Max. 50mA) | | **Output Phase** | A, B, Z phases (90° phase difference) | | **Resolution** | 1 to 8000 pulses per revolution (PPR) | | **Response Frequency** | Up to 300kHz | | **Insulation Resistance** | Min. 100MΩ (at 500VDC) | --- ## 4. Wiring and Connection The electronic interface usually follows a standardized color code for the cable: * **Brown:** Power (+) * **Blue:** Common (0V) * **Black:** Output Phase A * **White:** Output Phase B * **Orange:** Output Phase Z * **Shield:** Ground/Earth --- ### Precautionary Electronic Design * **Noise Suppression:** The E50-R electronics include internal circuitry to mitigate EMI, but it is recommended to use shielded twisted-pair cables. * **Load Current:** Ensure the load current does not exceed 30mA to prevent overheating the output transistors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Totem Pole and Line Driver outputs for the E50 series?
    • ⤷ How do I troubleshoot a 'no signal' issue in an E50-R encoder?
    • ⤷ What is the maximum cable length supported for the 24VDC NPN output model?