AI

The **E5C2-R20K** is a popular analog temperature controller manufactured by **Omron Industrial Automation**. It is widely used in basic heating applications due to its simplicity, compact size, and reliability.
---
## 1. Core Technical Specifications
This device is an ON/OFF or PD (Proportional-Derivative) controller designed for panel mounting.
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Type K Thermocouple (Chromel/Alumel) |
| **Control Mode** | ON/OFF or PD (Selectable on some models) |
| **Output Type** | Relay Output (SPDT) |
| **Supply Voltage** | 100–120 VAC or 200–240 VAC (Model dependent) |
| **Contact Rating** | 3A at 250 VAC (Resistive load) |
| **Setting Method** | Analog Dial (Potentiometer) |
| **Mounting** | 8-pin Round Socket (DIN track or flush mount) |
---
## 2. Key Electronic Components & Functions
### A. The Input Stage (Thermocouple Interface)
The "R20K" designation specifically identifies the input as a **Type K Thermocouple**.
* **Cold Junction Compensation:** Internally, the circuit compensates for the ambient temperature at the controller terminals to ensure accurate readings.
* **Burnout Protection:** The device is designed to detect a broken thermocouple wire; if the circuit opens, the controller usually forces the output OFF for safety.
### B. The Control Mechanism (Analog Comparator)
Unlike modern digital controllers that use microprocessors and PID algorithms, the E5C2-R20K uses **analog circuitry**:
* **Potentiometer:** The front dial is a high-precision variable resistor that sets the reference voltage (Setpoint).
* **Comparator:** An internal Op-Amp compares the voltage generated by the thermocouple against the reference voltage.
* **Hysteresis:** In ON/OFF mode, it has a built-in fixed hysteresis (usually around 2°C) to prevent the relay from "chattering" or switching too rapidly when the temperature is near the setpoint.
### C. Output Stage (Electromechanical Relay)
The controller uses an internal **SPDT (Single Pole Double Throw) Relay**:
* **Pin 1 & 8:** Power Supply.
* **Pin 3, 4, 5:** Relay contacts (Common, Normally Open, Normally Closed).
* **Pin 6(+) & 7(-):** Thermocouple Input.
---
## 3. Advantages and Limitations
### Advantages
* **Ease of Use:** No complex menus or programming; simply turn the dial.
* **Longevity:** Fewer digital components mean less susceptibility to firmware glitches.
* **Standard Form Factor:** Fits standard 48x48mm (1/16 DIN) cutouts.
### Limitations
* **Precision:** Analog dials are less precise than digital displays.
* **Overshoot:** Because it lacks full PID tuning, the temperature may "overshoot" the setpoint initially.
* **No Feedback:** There is no digital display to show the *current* actual temperature; only an "OUT" LED to indicate when the heater is active.
---
## 4. Typical Wiring Diagram (8-Pin)
```text
(Relay Output)
/--[4] NO (Normally Open)
[3] COM --[5] NC (Normally Closed)
(Power Supply)
[1] AC L1
[8] AC L2
(Input)
[6] TC (+) (Type K - Yellow)
[7] TC (-) (Type K - Red)
```
- ⤷What is the difference between ON/OFF and PD control in this model?
- ⤷ How do I troubleshoot an E5C2 if the OUT light is blinking rapidly?
- ⤷ Can I use a PT100 sensor with the E5C2-R20K model?