AI

The **E5CC-RX2ASM-802** is a high-performance digital temperature controller manufactured by **Omron**. It belongs to the E5CC series, known for its compact design (48x48mm) and high-visibility white LCD display.
Below is a breakdown of the electronic components, specifications, and terminal logic for this specific model.
---
### 1. Model Code Breakdown
Understanding the specific electronic capabilities based on the model suffix:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **E5CC** | Series Name | Digital Temperature Controller (48 x 48 mm) |
| **RX** | Control Output | **Relay Output** (SPST-NO, 250 VAC, 3 A) |
| **2** | Auxiliary Outputs | **2 Independent Auxiliary Outputs** (Relays) |
| **A** | Power Supply | **100 to 240 VAC** (Universal AC Input) |
| **S** | Terminal Type | **Screw Terminal Blocks** |
| **M** | Option Tool | **Multi-input** (Supports Thermocouples, RTDs, and Analog) |
| **802** | Special Code | Typically indicates **RS-485 Communications** (Modbus RTU) |
---
### 2. Key Electronic Specifications
#### A. Input Section (Multi-Input)
The internal circuitry includes a high-speed A/D converter capable of processing various sensor types:
* **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W, or PL II.
* **Platinum Resistance Thermometers (RTD):** Pt100 or JPt100.
* **Analog Inputs:** 4 to 20 mA, 0 to 20 mA, 1 to 5 V, 0 to 5 V, or 0 to 10 V.
* **Sampling Period:** 50 ms (very high speed for precise control).
#### B. Output Circuitry
* **Control Output (Relay):** A mechanical relay rated at 250 VAC / 3 Amps. Suitable for driving contactors.
* **Auxiliary Outputs:** Two SPST-NO relays rated at 250 VAC / 3 Amps. Usually used for High/Low temperature alarms.
* **Communication:** Includes an **RS-485** transceiver for industrial networking.
#### C. Power and Isolation
* **Isolation:** The unit features galvanic isolation between the power supply, input terminals, and output terminals to prevent electrical noise interference.
* **Power Consumption:** Approximately 5.2 VA at 100-240 VAC.
---
### 3. Connection Terminal Layout
The electronics are accessed via the rear screw terminals:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | Control Output | Relay Output (Contact) |
| **3 & 4** | Auxiliary 1 | Alarm/Event Output 1 |
| **5 & 6** | Auxiliary 2 | Alarm/Event Output 2 |
| **11 & 12** | Power Supply | 100-240 VAC Input |
| **13, 14, 15** | Communication | RS-485 (B+, A-, COM) |
| **22, 23, 24** | Sensor Input | Terminals for Thermocouple, RTD, or Analog |
---
### 4. Technical Features
* **PID Control:** Uses Omron's 2-PID control algorithm for stability and fast response.
* **Auto-tuning:** Built-in logic to automatically calculate the Proportional, Integral, and Derivative constants.
* **Display:** Large white PV (Process Value) display for readability under industrial lighting.
- ⤷
How do I wire a K-type thermocouple to the E5CC-RX2ASM-802?
- ⤷ What is the difference between the RX and QX output models?
- ⤷ How do I configure the RS-485 parameters for Modbus communication?