전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E5CZ-R2MLD

  • AI
    The **E5CZ-R2MLD** is a compact, high-performance digital temperature controller manufactured by Omron. It belongs to the E5CZ series, designed for industrial thermal management and process control. ### 1. Key Technical Specifications The model name "E5CZ-R2MLD" provides specific information about its electronic configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Control Output** | Relay Output | SPST-NO, 250 VAC, 3 A (resistive load) | | **Auxiliary Outputs** | 2 Alarm Outputs | Independent relay outputs for alarms | | **Input Type** | Multi-input | Supports Thermocouples (K, J, T, etc.) and RTDs (Pt100) | | **Power Supply** | 24 VAC / VDC | Low voltage DC/AC operation | | **Size** | 1/16 DIN | 48 x 48 mm front panel dimension | --- ### 2. Core Electronic Components and Functions #### A. Input Section (Multi-Input) The unit features high-resolution analog-to-digital converters to process signals from: * **Thermocouples:** Measures voltage changes in millivolts (mV). * **Platinum Resistance Thermometers (RTD):** Measures changes in electrical resistance. * **Digital Filtering:** Internal circuitry filters out electronic noise common in industrial environments. #### B. Control Mechanism (PID Control) The electronic brain of the E5CZ uses **2-PID control** (Proportional-Integral-Derivative). * **Auto-tuning:** The controller includes an integrated circuit that automatically calculates the optimal PID constants to minimize overshoot and stabilize temperature quickly. * **Sampling Period:** The unit has a fast sampling period (typically 250ms) to ensure real-time response to thermal fluctuations. #### C. Output Interface * **Relay (R):** The "R" in the model name indicates a physical relay switch. This is ideal for driving contactors or small heaters directly, though it has a finite mechanical lifespan compared to SSR outputs. * **Display:** Dual 11-segment LCD displays show the **PV** (Process Value) in red and **SV** (Set Value) in green for high visibility. --- ### 3. Wiring and Connection Diagram The back of the unit features a terminal block for electronic interfacing: | Terminal Group | Function | | :--- | :--- | | **Power Input** | Terminals for 24V AC/DC supply. | | **Control Output** | Relay terminals to connect to the heating element/contactor. | | **Sensor Input** | Connection points for the Thermocouple or Pt100 leads. | | **Alarms** | Auxiliary terminals for triggering external sirens or safety cut-offs. | --- ### 4. Safety and Environmental Protection * **IP66 Rating:** The front panel is electronically sealed against dust and water. * **Non-Volatile Memory:** Settings are stored in EEPROM, ensuring that configuration data is not lost during a power failure.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the relay output in this model and an SSR output model?
    • ⤷ Can the E5CZ-R2MLD be used with a 110V or 220V AC power supply?
    • ⤷ How do I perform the auto-tuning procedure on this specific controller?