전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E90-R

  • AI
    ## Overview of E90-R Electronic Components The **E90-R** typically refers to a high-performance **LoRa (Long Range) Wireless Transceiver Module**, often based on the Semtech SX1262 or SX1268 chipsets. These modules are designed for long-range communication with low power consumption. --- ### 1. Core Electronic Components The module is composed of several critical integrated circuits and passive components that facilitate radio frequency (RF) communication. | Component | Description | Function | | :--- | :--- | :--- | | **Main Transceiver IC** | Semtech SX1262 / SX1268 | The "brain" of the RF communication; handles modulation/demodulation. | | **TCXO** | Temperature Compensated Crystal Oscillator | Ensures frequency stability across varying temperatures. | | **RF Switch** | High-frequency analog switch | Toggles the antenna connection between Transmit (TX) and Receive (RX) modes. | | **Power Amplifier (PA)** | Integrated or External stage | Boosts the signal for long-distance transmission (up to 22dBm or 30dBm). | | **Matching Network** | Inductors and Capacitors (L-C) | Matches impedance to 50Ω for maximum power transfer to the antenna. | --- ### 2. Technical Specifications Below are the typical electronic characteristics found in the E90-R series modules: * **Operating Voltage:** 3.3V - 5.5V DC (Standard for TTL logic). * **Communication Interface:** UART (Universal Asynchronous Receiver/Transmitter). * **Frequency Bands:** 433MHz, 470MHz, 868MHz, or 915MHz (Region dependent). * **Air Data Rate:** 0.3kbps to 62.5kbps. * **Sensitivity:** Down to -148 dBm (allowing for penetrative communication through walls). --- ### 3. Pinout Configuration The E90-R generally uses a multi-pin header or SMD pads. A common configuration includes: 1. **M0 / M1:** Operating mode pins (Normal, Wake-up, Power-saving, Programming). 2. **RXD / TXD:** UART data pins for connecting to a Microcontroller (MCU). 3. **AUX:** Indicates the module's busy/free status. 4. **VCC / GND:** Power supply pins. --- ### 4. Key Circuitry Features * **LBT (Listen Before Talk):** Some E90-R versions include hardware logic to monitor the channel noise before transmitting, avoiding collisions. * **RSSI (Received Signal Strength Indicator):** Electronic circuitry that measures the power level of a received radio signal. * **FEC (Forward Error Correction):** Built-in algorithms that increase communication reliability by correcting data bits corrupted by interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the E90-R module in open space?
    • ⤷ How do the M0 and M1 pins change the power consumption modes?
    • ⤷ Is the E90-R compatible with Arduino or ESP32 microcontrollers?