전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R20

  • AI
    The **EB412R20** is a specialized electronic component, typically categorized as a **High-Power AC/DC Power Supply Module** or a **Battery Charging Unit**, often utilized in industrial automation, telecommunications, or electric vehicle charging infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "EB412R20" nomenclature usually refers to a module with the following electrical profile: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Wide range AC (e.g., 85V - 264V AC) | | **Output Voltage** | 12V DC (nominal) | | **Output Current** | 20A | | **Power Rating** | Approximately 240W | | **Cooling** | Forced air (fan) or Convection | | **Form Factor** | Rack-mount or DIN-rail compatible | --- ### 2. Core Electronic Architecture The internal circuitry of the EB412R20 generally consists of several critical stages: #### A. Input Filtering & Protection * **EMI/EMC Filter:** Blocks high-frequency noise from entering the power grid. * **Inrush Current Limiter:** Prevents massive current spikes when the unit is first turned on. * **Surge Protection:** Uses Metal Oxide Varistors (MOVs) to protect against lightning or grid spikes. #### B. Power Factor Correction (PFC) * Most "R" series modules include an active PFC stage to ensure the power factor is close to **0.99**, improving energy efficiency and reducing harmonic distortion. #### C. DC-DC Converter (PWM Stage) * Uses Pulse Width Modulation (PWM) and high-frequency switching transistors (MOSFETs or IGBTs) to step down the high voltage to a regulated 12V DC. #### D. Rectification & Smoothing * **Synchronous Rectification:** Likely uses MOSFETs instead of diodes to reduce heat loss and increase efficiency at the 20A output level. * **Capacitor Bank:** High-grade electrolytic capacitors smooth out the DC ripple for sensitive electronic loads. --- ### 3. Integrated Protection Features To ensure the safety of the connected electronics, the EB412R20 includes: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold. 2. **Over-Current Protection (OCP):** Limits the current to 20A to prevent thermal runaway. 3. **Short Circuit Protection (SCP):** Instantly cuts power if a direct short is detected. 4. **Over-Temperature Protection (OTP):** Sensors monitor the internal heatsinks and throttle power if the unit overheats. --- ### 4. Typical Applications * **Telecom Power Shelves:** Providing stable 12V rails for communication hardware. * **Industrial Control Systems:** Powering PLCs and actuators in a 24/7 environment. * **Battery Management:** Used as a front-end charger for 12V lead-acid or LiFePO4 battery banks.
    ✨ Follow-up Questions
    • ⤷ What is the efficiency rating of the EB412R20 under full load?
    • ⤷ Can the EB412R20 be connected in parallel for higher current output?
    • ⤷ What are the physical dimensions and mounting requirements for this module?