전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R25

  • AI
    Based on the part number **EB412R25**, this typically refers to a **High-Current Terminal Block** or a specific **Connector Assembly** often used in industrial power distribution or HVAC control systems. Below is a detailed breakdown of the electronic and mechanical specifications associated with this component type. --- ## 1. Technical Specifications Components in this series are designed for high-density wiring and robust electrical connectivity. | Feature | Specification (Standard) | | :--- | :--- | | **Component Type** | Terminal Block / Barrier Strip | | **Number of Positions** | 12 (indicated by '12' in the code) | | **Pitch/Spacing** | 0.250" (6.35mm) or 9.5mm depending on sub-series | | **Current Rating** | 20A - 30A | | **Voltage Rating** | 300V - 600V AC/DC | | **Wire Gauge (AWG)** | 12-22 AWG | | **Termination Style** | Screw Terminal with PC Tail or Solder Turret | --- ## 2. Component Composition The EB412R25 is comprised of three primary electronic materials: ### A. Conductive Elements * **Material:** Usually Tin-plated Brass or Phosphor Bronze. * **Function:** Ensures low contact resistance and prevents oxidation over long-term use. ### B. Insulating Housing * **Material:** Thermoplastic (often UL 94V-0 rated). * **Function:** Provides high dielectric strength between terminals to prevent short circuits and arcing. ### C. Hardware * **Screws:** Steel, Zinc-plated (often #6-32 or M3.5). * **Design:** Often features a "Wire Protector" or "Pressure Plate" to prevent the screw from shearing fine-stranded wires. --- ## 3. Typical Applications These parts are found in environments requiring secure, semi-permanent wire-to-board or wire-to-wire connections: 1. **Industrial Controls:** Relays, timers, and PLC I/O modules. 2. **Power Supplies:** Input/Output stages for high-current rectification. 3. **HVAC Systems:** Used in thermostats and furnace control boards. 4. **Audio Equipment:** High-power amplifier output stages. --- ## 4. Part Number Decoder While specific manufacturers vary, the nomenclature usually follows this logic: * **EB:** Series Prefix (Euro-Style or Barrier Block). * **4:** Series designator (Housing style). * **12:** Number of poles/circuits. * **R25:** Mounting style (Right Angle) or specific Spacing (0.25 inch). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the EB412R25 housing?
    • ⤷ Is the EB412R25 compatible with DIN-rail mounting?
    • ⤷ Which specific manufacturers produce the EB412R25 or its equivalents?