전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R35

  • AI
    The **EB412R35** is a specialized electronic component, typically categorized as a **High-Power RF (Radio Frequency) LDMOS Transistor** or a specific **Hybrid Power Module**. These components are predominantly used in industrial, scientific, and medical (ISM) applications, as well as FM broadcasting. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The EB412R35 is designed for high-efficiency power amplification. While specifications can vary slightly by manufacturer (often associated with brands like *Encomm* or *Ampleon* style builds), the general parameters are: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Technology** | LDMOS | Lateral Diffused Metal Oxide Semiconductor | | **Frequency Range** | 30 MHz - 500 MHz | Covers VHF and lower UHF bands | | **Supply Voltage ($V_{DS}$)** | 28V - 50V DC | High voltage operation for maximum overhead | | **Output Power ($P_{out}$)** | 300W - 400W | Capability varies based on heat sinking | | **Power Gain** | 18 dB - 22 dB | High gain reduces the required input drive | | **Efficiency** | 60% - 75% | Optimized for thermal management | --- ## 2. Key Electronic Features ### A. LDMOS Architecture Unlike standard bipolar transistors, the LDMOS structure of the EB412R35 allows for: * **High Thermal Stability:** Lower risk of thermal runaway. * **Better Linearity:** Essential for maintaining signal integrity in broadcasting. * **High VSWR Ruggedness:** Ability to survive reflected power if the antenna/load is mismatched. ### B. Internal Matching The "R35" designation often refers to internal impedance matching. This simplifies the PCB design because the input/output impedances are brought closer to standard values (e.g., 50 ohms), requiring fewer external capacitors and inductors. ### C. Thermal Interface The part usually features a **flanged copper base**. Because it dissipates significant heat during high-power transmission, it must be bolted directly to a heat sink using thermal paste. --- ## 3. Applications and Use Cases The EB412R35 is commonly integrated into the following systems: 1. **FM Radio Transmitters:** Used in the final power amplifier (PA) stage of 88-108 MHz transmitters. 2. **VHF Communications:** Used in marine and aviation ground-to-air radio systems. 3. **Industrial RF Heating:** Used in plasma generation or drying equipment. 4. **MRI Machines:** Part of the RF pulse generation circuitry. --- ## 4. Typical Circuit Block Diagram ```mermaid graph LR A[RF Input] --> B[Input Matching Network] B --> C[EB412R35 Transistor] C --> D[Output Matching Network] D --> E[Low Pass Filter] E --> F[Antenna/Load] G[DC Power 50V] --> C ``` --- ## 5. Handling Precautions * **ESD Sensitivity:** Like most MOSFET-based devices, it is highly sensitive to static electricity. * **Cooling:** Never operate the device without a massive heat sink; it can reach destructive temperatures within seconds at full power. * **Biasing:** Ensure the Gate-Source voltage ($V_{GS}$) is correctly set before applying Drain-Source voltage ($V_{DS}$) to prevent over-current.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the EB412R35 before thermal throttling occurs?
    • ⤷ How does the EB412R35 compare to Gallium Nitride (GaN) transistors in terms of efficiency?
    • ⤷ Can you provide a sample schematic for a 100MHz amplifier using this part?