전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R36

  • AI
    The **EB412R36** is a specific model of an **Electric High-Pressure Cold Water Pressure Washer**, typically manufactured by brands like **AR Blue Clean (Annovi Reverberi)**. To understand the "electronic parts," we must look at the electrical drive system and control components that manage the high-pressure output. --- ### Core Electronic & Electrical Components | Component | Function | Characteristics | | :--- | :--- | :--- | | **Induction Motor** | The primary power source that drives the high-pressure pump. | Single-phase, high-torque, brushless design for longevity. | | **Total Stop System (TSS)** | A pressure-sensitive switch that cuts power to the motor when the trigger is released. | Prevents pump overheating and saves electricity. | | **Capacitor** | Provides the necessary phase shift to start the induction motor. | High-voltage start/run capacitor (usually cylindrical). | | **Power Switch** | The user interface to toggle the unit on/off. | Industrial-grade rocker switch, often waterproofed with a rubber boot. | | **Thermal Overload Protector** | A safety sensor that breaks the circuit if the motor gets too hot. | Automatic reset; protects internal windings from melting. | | **Power Cord (GFCI)** | The main electrical input cable. | Usually includes a Ground Fault Circuit Interrupter for shock protection. | --- ### Technical Specifications (Electrical) * **Input Voltage:** 120V / 60Hz (Standard North American outlet). * **Amperage:** Typically draws between 13A to 15A. * **Motor Type:** Universal or Induction (The "EB" series typically utilizes a heavy-duty Induction motor). * **Pressure Rating:** Approximately 2000 PSI depending on the specific pump pairing. --- ### Maintenance & Troubleshooting of Electronics 1. **Motor Won't Start:** Check the **GFCI** plug first. If the reset button doesn't stay down, there is a ground fault. 2. **Motor Hum, No Rotation:** This is a classic sign of a failed **Start Capacitor**. The motor wants to turn but lacks the electrical "push." 3. **Intermittent Power:** Often caused by a failing **TSS (Total Stop System)** microswitch located near the pump manifold. If the switch is stuck, the motor won't engage when the trigger is pulled. 4. **Tripping Breakers:** If the unit trips house breakers immediately, it may indicate a short in the **motor windings** or a seized pump causing an overcurrent draw. ---
    ✨ Follow-up Questions
    • ⤷How do I test the capacitor on an EB412R36 motor?
    • ⤷ Where is the Total Stop System (TSS) switch located on this model?
    • ⤷ Can the motor be replaced separately from the pump?