전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R40

  • AI
    The **EB412R40** is a specific electronic component often categorized within the power electronics or industrial connectivity sectors, typically associated with **surge protection devices (SPDs)** or high-current power distribution blocks, depending on the specific manufacturer (commonly referenced in catalogs like those from ERICO/nVent or similar industrial suppliers). Below is a breakdown of the electronic and technical characteristics generally associated with this part series. --- ### 1. General Specifications The part number typically denotes a **Power Distribution Block** or a **Terminal Block** designed for high-density wiring and industrial electrical panels. | Feature | Description | | :--- | :--- | | **Component Type** | Single-pole Power Distribution Block | | **Mounting Type** | DIN Rail or Panel Mount | | **Material** | Tinned Copper or Aluminum alloy (Terminal), Halogen-free housing | | **Safety Standard** | UL Recognized / CSA Certified / CE | ### 2. Electrical Characteristics These parts are engineered to handle significant electrical loads while maintaining a small footprint. * **Amperage Rating:** Usually rated for high current (up to 400A or similar, depending on the "40" suffix nomenclature). * **Voltage Rating:** Typically rated for **600V (UL)** or **1000V (IEC)** applications. * **Short Circuit Current Rating (SCCR):** High-level protection, often reaching **100kA**, ensuring stability during electrical faults. ### 3. Connection Topology The EB series is designed to take a large primary feed and distribute it to multiple smaller secondary circuits. | Connection Side | Quantity | Wire Size Range | | :--- | :--- | :--- | | **Primary (Line)** | 1 | Large gauge (e.g., 3/0 AWG - 500 kcmil) | | **Secondary (Load)** | Multiple (e.g., 4 to 12) | Smaller gauge (e.g., #14 - #2 AWG) | ### 4. Key Physical Features 1. **Compact Design:** Designed to save space in electrical cabinets compared to traditional busbar systems. 2. **IP20 Finger-Safe:** The housing is designed to prevent accidental contact with live parts. 3. **Visual Inspection:** Most versions feature a transparent or removable cover to inspect wire connections without disassembly. 4. **Tinned Contacts:** Allows for the use of both Copper (Cu) and Aluminum (Al) conductors, preventing galvanic corrosion. --- ### Common Applications * **Industrial Control Panels:** Distributing power from a main breaker to various motor starters or PLCs. * **Renewable Energy:** Used in solar combiner boxes to aggregate strings. * **HVAC Systems:** Power distribution for large-scale commercial climate control units.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the EB412R40 model?
    • ⤷ Is this component compatible with both aluminum and copper wiring?
    • ⤷ Does this model support standard 35mm DIN rail mounting?