전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R48

  • AI
    The **EB412R48** is a high-performance, industrial-grade lithium-ion battery module typically designed for energy storage systems (ESS), telecommunications backup, and off-grid power solutions. The nomenclature usually implies a **48V** nominal voltage and a specific capacity (often around **100Ah/4.8kWh**). --- ### Core Electronic Components The system is composed of several critical electronic sub-systems that ensure safety, efficiency, and longevity. | Component | Description | Function | | :--- | :--- | :--- | | **Battery Cells** | Prismatic LiFePO4 (Lithium Iron Phosphate) | Energy storage medium; known for thermal stability and high cycle life. | | **BMS (Master)** | Battery Management System Controller | The "brain" that monitors voltage, current, and temperature. | | **MOSFETs/Contactors** | Power Switching Electronics | Acts as a safety switch to disconnect the battery during faults (overcharge/short circuit). | | **Balancing Circuit** | Passive or Active Balancers | Ensures all individual cells stay at the same voltage level to maximize capacity. | | **Communication Port** | RS485 / CAN Bus / RS232 | Allows the battery to "talk" to inverters and monitoring software. | --- ### Technical Specifications (Typical) While specific manufacturers (like EnSync or others) may have slight variations, the standard electronic profile for a 48V 100Ah module like this is: | Parameter | Value | | :--- | :--- | | **Nominal Voltage** | 48V - 51.2V | | **Capacity** | 100Ah (approx. 4.8kWh to 5.1kWh) | | **Charging Cut-off Voltage** | ~57.6V | | **Discharging Cut-off Voltage** | ~40V - 44V | | **Maximum Discharge Current** | 100A (1C Rating) | --- ### Key Features of the BMS Electronics The onboard electronics provide several layers of protection: 1. **Over-Voltage Protection:** Prevents the cells from being overcharged, which could lead to thermal runaway. 2. **Under-Voltage Protection:** Stops the battery from discharging too deeply, which preserves the chemistry's lifespan. 3. **Temperature Sensors (NTC):** Multiple thermistors are placed between cells to monitor for overheating. 4. **Short Circuit Protection:** Instant electronic shutdown if a massive current spike is detected. 5. **State of Charge (SoC) Calculation:** Uses "Coulomb Counting" algorithms to provide an accurate percentage of remaining energy. --- ### Connectivity & Integration The electronic interface usually includes: - **DIP Switches:** Used to set the "Address" of the battery when multiple units are connected in parallel. - **LED Indicators:** Visual status for SOC (State of Charge), ALM (Alarm), and RUN (Operation). - **Dry Contact Ports:** Often used for remote triggering of external alarms or fire suppression systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols used by the EB412R48 for inverter integration?
    • ⤷ How many units can be connected in parallel using the onboard DIP switches?
    • ⤷ What is the recommended charging profile for this specific battery module?