전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EB412R50

  • AI
    Based on your inquiry, the **EB412R50** appears to be a specific model of an **EB-Series Power Supply** or a high-current **Rectifier/Regulator** often used in industrial or radio communication applications. Below is a breakdown of the electronic components and technical specifications typically associated with this part. --- ## 1. Technical Specifications The model number "412R50" generally encodes the output voltage and current capacity. | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 110V - 240V AC | Standard AC mains input. | | **Output Voltage** | 12V - 13.8V DC | Regulated DC output, often adjustable. | | **Output Current** | 50 Amps | The "50" in the model signifies the peak/continuous current rating. | | **Regulation Type** | Switching or Linear | Modern versions are usually **Switch-Mode Power Supplies (SMPS)**. | | **Ripple/Noise** | < 50mV | Low noise output suitable for sensitive electronics. | --- ## 2. Key Electronic Components The EB412R50 is composed of several critical electronic sub-systems: ### A. Power Conversion Stage * **Bridge Rectifiers:** Convert high-voltage AC into pulsating DC. * **Filter Capacitors:** Large electrolytic capacitors (often rated at 63V or 100V) used to smooth the DC voltage ripple. * **Switching Transistors (MOSFETs/IGBTs):** High-speed switches that handle the 50A current load by chopping the DC voltage at high frequencies. ### B. Control & Regulation * **PWM Controller IC:** The "brain" that monitors the output voltage and adjusts the duty cycle of the transistors to maintain exactly 12V-13.8V. * **Optoisolators:** Provide electrical isolation between the dangerous high-voltage input side and the low-voltage output side for safety. ### C. Protection Circuitry * **Crowbar Circuit:** An over-voltage protection (OVP) mechanism that shorts the output to blow a fuse if the voltage exceeds a safe limit (typically >16V). * **Thermal Sensors:** NTC thermistors that monitor heat sink temperature and trigger a cooling fan or thermal shutdown. * **Current Shunt:** A low-resistance precision resistor used to measure the 50A flow and trigger over-current protection. --- ## 3. Physical Layout & Thermal Management Because this unit handles **50 Amps**, heat management is the most prominent feature: 1. **Heat Sinks:** Massive aluminum extrusions attached to the power transistors. 2. **Cooling Fan:** Usually a DC brushless fan that scales speed based on the load. 3. **Heavy Duty Terminals:** Large screw terminals (often color-coded Red/Black) to accommodate thick gauge wire (8 AWG or lower) to prevent melting at high current. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific application or device you are using this EB412R50 for?
    • ⤷ Do you need a wiring diagram for the 50A output terminals?
    • ⤷ Are you experiencing a specific failure or fault code with this unit?