전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EC36-R68M

  • AI
    The **EC36-R68M** is a specific electronic component, typically categorized as a **Fixed Inductor** (Choke). Based on its part numbering convention, it is an axial-leaded, molded inductor often used in signal filtering and power management. --- ## Technical Specifications The part number follows a standard industry naming convention. Below are the typical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Case Style** | EC36 (Axial / Through-hole) | | **Core Material** | Ferrite or Phenolic (Non-magnetic) | | **Configuration** | Color-coded (usually Green-Blue-Silver-Black/Silver) | --- ## Breakdown of the Part Number To understand the electronic properties, the part number can be decoded as follows: 1. **EC36**: Refers to the physical form factor and series. This is an axial leaded package, similar in shape to a resistor. 2. **R68**: The Inductance value. The "R" acts as a decimal point. Therefore, R68 = 0.68. 3. **M**: The tolerance rating. In the electronics industry: * J = ±5% * K = ±10% * **M = ±20%** --- ## Key Functions and Applications Inductors like the EC36-R68M are passive components that store energy in a magnetic field when electric current flows through them. ### 1. Typical Uses * **RF Choke:** Blocks high-frequency alternating current (AC) while allowing direct current (DC) to pass. * **Decoupling:** Used in power supply circuits to filter out noise and prevent interference between different stages of a circuit. * **Oscillators:** Can be paired with capacitors to create LC circuits for frequency selection. ### 2. Operational Environment * **Temperature Range:** Generally rated for -20°C to +80°C. * **Current Rating:** Typically low, often in the range of 300mA to 800mA depending on the specific manufacturer (e.g., Bourns, TDK, or generic brands). --- ## Identification (Color Coding) Since the EC36-R68M is an axial component, it is often identified by four color bands: * **Band 1 (1st digit):** Blue (6) * **Band 2 (2nd digit):** Gray (8) * **Band 3 (Multiplier):** Silver (x0.01) * **Band 4 (Tolerance):** Black or None (20%)
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EC36-R68M?
    • ⤷ Can this inductor be used in high-frequency RF applications?
    • ⤷ What are the physical dimensions of the EC36 package?