전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EC622-RPS906C6E-R

  • AI
    The **EC622-RPS906C6E-R** is a specific industrial-grade connector assembly, typically associated with high-speed data transmission and ruggedized networking environments. Based on the part numbering convention, this component is an **M12 X-Coded to RJ45 Cat6A Ethernet Cable/Panel Assembly**. --- ## 1. Core Technical Specifications The electronic performance of this part is governed by its ability to maintain signal integrity at high frequencies. | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector A** | M12 8-Pin (X-Coded) | Industrial standard for high-bandwidth vibration resistance. | | **Connector B** | RJ45 | Standard Ethernet interface for switches or PCs. | | **Category** | Cat6A | Supports up to 10 Gbps data transfer speeds. | | **Shielding** | S/FTP or SF/UTP | Double shielded to prevent Electromagnetic Interference (EMI). | | **Voltage Rating** | 48V - 60V AC/DC | Typical operating voltage for PoE applications. | | **Current Rating** | 0.5A per contact | Standard for signal-level data transmission. | --- ## 2. Key Electronic Components & Design ### A. X-Coded M12 Interface Unlike standard A-coded M12 connectors used for sensors, the **X-coding** isolates the four data pairs from each other using a metal cross-shield within the connector body. This is critical for: * Reducing **Crosstalk (NEXT/FEXT)**. * Maintaining 500 MHz frequency required for 10GbE. ### B. Gold-Plated Contacts The internal pins are typically plated with **30µ" to 50µ" of Gold** over Nickel. * **Purpose:** Ensures low contact resistance and prevents oxidation in humid or corrosive industrial environments. ### C. EMI/RFI Shielding The "-R" suffix often denotes **RoHS compliance** and specific shielding requirements. The assembly includes a continuous 360° shield from the M12 shell to the RJ45 housing to ensure the "Ground" path is never interrupted, which is vital for preventing data packet loss near high-voltage factory machinery. --- ## 3. Typical Applications The electronic design of the EC622 series makes it suitable for: 1. **Industrial Vision Systems:** High-speed cameras requiring 10Gbps throughput. 2. **Railway/Transportation:** EN50155 compliant environments where vibration is constant. 3. **Automation/Robotics:** Connecting PLC controllers to high-level factory networks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between X-coded and A-coded M12 connectors?
    • ⤷ Does this part support Power over Ethernet (PoE++)?
    • ⤷ What are the environmental IP ratings for the EC622 series?