전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ECM-RPLP-5

  • AI
    The **ECM-RPLP-5** is a specialized power distribution and control module often utilized in automotive, industrial, or renewable energy power management systems. It typically functions as a **Low Profile Electronic Control Module (ECM)** designed for high-density power switching and signal routing. Below is a breakdown of the core electronic components and technical specifications associated with this type of module. ### 1. Key Electronic Components | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Often an ARM Cortex or specialized 16/32-bit MCU. | Acts as the "brain," processing logic, CAN bus signals, and sensor data. | | **MOSFETs / IGBTs** | High-current solid-state switches. | Replaces traditional mechanical relays for silent, high-speed switching of loads. | | **CAN Transceiver** | ISO 11898 compliant interface. | Enables communication with other modules (ECU, sensors, or displays). | | **Voltage Regulators** | LDOs or DC-DC Buck Converters. | Steps down vehicle/battery voltage (e.g., 24V/12V) to 5V or 3.3V for internal logic. | | **Protection Circuitry** | TVS Diodes, Varistors, and Fuses. | Protects the module against over-voltage, reverse polarity, and short circuits. | --- ### 2. Technical Specifications (Typical) The "RPLP" designation usually refers to **Relay-Power Low Profile**, indicating a compact form factor. * **Operating Voltage:** Typically 9V to 32V DC (suitable for 12V and 24V systems). * **Current Capacity:** Total unit capacity often ranges from 60A to 120A, with individual outputs rated between 5A and 25A. * **Communication Protocol:** J1939 CAN Bus or LIN Bus. * **Ingress Protection:** Often rated **IP67/IP69K** to withstand water submersion and high-pressure washing. --- ### 3. Integrated Features #### A. Smart Switching Unlike traditional fuse boxes, the ECM-RPLP-5 uses **Pulse Width Modulation (PWM)**. This allows for: * Soft-starting motors to prevent current spikes. * Dimming of LED lighting systems. * Variable speed control for fans or pumps. #### B. Diagnostics The module monitors "Health Data" in real-time. If a short circuit occurs on a specific pin, the electronic fuse (E-Fuse) trips, and a diagnostic fault code is sent over the CAN bus to the user interface, identifying the exact failure point without needing to replace a physical fuse. --- ### 4. Typical Wiring Pinout Categories | Category | Pin Functionality | | :--- | :--- | | **Power Input** | Heavy gauge studs for battery positive (+) and ground (-). | | **Digital Inputs** | Switch signals (High-side or Low-side) from the operator. | | **Analog Inputs** | 0-5V or 4-20mA signals from pressure/temperature sensors. | | **Outputs** | High-current power out to solenoids, lights, or motors. |
    ✨ Follow-up Questions
    • ⤷ What are the specific CAN bus baud rates supported by the ECM-RPLP-5?
    • ⤷ How do you program the logic for the E-Fuses in this module?
    • ⤷ Can this module be used in a 48V electrical architecture?