전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ECSW4HBHT

  • AI
    The **ECSW4HBHT** is a specific model within a series of **Current Sensing Switches** (often categorized under current monitoring relays or sensors). These devices are primarily used in automation and HVAC systems to monitor the electrical current flowing through a wire and trigger a solid-state output once a specific threshold is reached. --- ### Core Specifications and Electronic Components The "ECSW" series typically features a solid-core or split-core design with integrated circuitry to process AC current. Below are the primary electronic characteristics: | Component / Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Current-operated solid-state switch | | **Input Range** | Usually fixed or adjustable (commonly 0.5 to 150+ Amps) | | **Output Type** | Solid-state MOSFET or Triac (Normally Open/Closed) | | **Power Requirements** | Self-powered (induced from the monitored line) | | **Isolation Voltage** | Typically 300V to 600V AC (insulation between core and output) | | **Switching Voltage** | Up to 30V AC/DC or 120V AC depending on the specific sub-model | --- ### Key Electronic Parts Explained #### 1. Toroidal Current Transformer (CT) The "heart" of the device is an internal ring (toroid) made of ferrite or laminated steel. When an AC wire passes through the center hole, the magnetic field induces a small secondary current within this internal coil. #### 2. Rectifier and Power Conditioning Because the device is **self-powered**, it does not require an external battery or power supply. Internal diodes rectify the induced AC voltage from the CT into a stable DC voltage to power the internal logic gates. #### 3. Threshold Comparator The "HBHT" designation often refers to High-Bolt/High-Threshold or specific environmental ratings. The electronic circuit includes a comparator that measures the induced voltage against a set reference (the setpoint). * **Adjustable Potentiometer:** Many models include a multi-turn screw (potentiometer) that allows the user to define exactly at what amperage the switch should "flip." #### 4. Solid-State Output (The Switch) Unlike a mechanical relay with moving parts, the ECSW4HBHT uses a **Solid-State Relay (SSR)** component (typically a MOSFET for DC loads or a Triac for AC loads). * **Benefit:** This provides a much longer lifespan and faster response time than mechanical contacts. --- ### Common Applications * **Fan/Pump Monitoring:** To verify that a motor is actually running (not just that the starter is engaged). * **Heater Elements:** To detect a "burnt out" heating element by monitoring the drop in current. * **Lighting Loads:** To automate secondary systems when a primary light circuit is activated. --- ### Technical Summary Table | Part Suffix | Meaning in Electronic Context | | :--- | :--- | | **HB** | Often indicates **High Burden** or High Current capacity. | | **HT** | Usually signifies **High Temperature** rating for the internal plastics and resins. | | **4** | Often denotes the physical housing size or the output voltage rating (e.g., 40V). |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the adjustable setpoint on an ECSW switch?
    • ⤷ What is the difference between a solid-core and a split-core current switch?
    • ⤷ Can this device be used to monitor DC current loads?