전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ECSW4LBHT

  • AI
    The **ECSW4LBHT** refers to a high-performance industrial networking component, specifically an **Industrial Ethernet Switch**. This model is designed for rugged environments where standard consumer hardware would fail due to temperature extremes, vibration, or electromagnetic interference. --- ### 1. Key Technical Specifications The "ECSW" series generally denotes Ethernet Control Switches. Below are the typical electronic characteristics for this specific hardware class: | Feature | Specification | | :--- | :--- | | **Port Configuration** | 4-Port 10/100/1000Base-T (RJ45) | | **Fiber Uplink** | Often includes SFP slots for long-distance data | | **Input Voltage** | 12-48V DC (Redundant Power Inputs) | | **Operating Temp** | -40°C to +75°C (Extended Range) | | **Mounting** | DIN-Rail or Wall Mount | | **Enclosure** | IP30 or IP40 Rated Metal Housing | --- ### 2. Core Electronic Components Inside the ECSW4LBHT, the architecture is built around several specialized integrated circuits (ICs) and modules: #### A. Ethernet Controller / Switch Fabric The "brain" of the device. It handles the MAC address table management and packet switching. It ensures **non-blocking wire-speed performance**, meaning it can process data on all ports simultaneously without delay. #### B. Power Management Circuitry Unlike consumer routers, this device uses **wide-range DC-DC converters**. * **Redundancy:** It usually features two power inputs. If one power supply fails, the internal diode-ORing circuit switches to the backup seamlessly. * **Protection:** Includes Transient Voltage Suppressors (TVS) to protect against power surges and Electrostatic Discharge (ESD). #### C. Magnetics (Isolation Transformers) Every RJ45 port is coupled with a transformer module. These provide: * **Galvanic Isolation:** Protects the internal electronics from ground loops and high-voltage spikes on the Ethernet cable. * **Signal Integrity:** Filters noise to ensure clear data transmission over 100-meter copper runs. #### D. Physical Layer (PHY) Transceivers These chips convert the digital data from the controller into the analog signals required for copper or fiber optic transmission. --- ### 3. Industrial Certifications The electronic design is hardened to meet specific global standards: * **EMI/EMC:** High resistance to electromagnetic interference (essential near large motors or high-voltage lines). * **Shock & Vibration:** Components are often soldered with high-reliability lead-free solder and the PCB is reinforced to prevent cracking. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption ratings for the ECSW4LBHT under full load?
    • ⤷ Does this model support Power over Ethernet (PoE) for IP cameras?
    • ⤷ How does the 'L' or 'B' in the model number change the hardware functionality?