전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ECSW4MACT

  • AI
    The **ECSW4MACT** is a specialized electronic component, typically classified as a **Current Transducer** or **Current Switch**. These devices are used in industrial automation to monitor the flow of electricity through a wire and provide feedback to a control system (like a PLC). Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | AC Current Switch / Transducer | | **Output Type** | Normally Open (N.O.) Solid-state Switch | | **Current Range** | Often 0.5 to 175 Amps (depending on configuration) | | **Switch Rating** | Usually 0.3A @ 135V AC/DC | | **Isolation Voltage** | 600V AC (RMS) | | **Operating Frequency** | 40 Hz to 1 kHz | --- ### 2. Core Electronic Parts and Their Functions The ECSW4MACT is composed of several internal electronic subsystems: #### A. Internal Current Transformer (CT) The "hole" in the middle of the device acts as the secondary winding of a transformer. When an AC wire passes through it, the magnetic field induces a proportional low-voltage AC signal inside the device. #### B. Rectifier and Filter Circuit Since the induced signal is AC, the internal circuitry uses a **Diode Bridge Rectifier** and capacitors to convert the signal into a stable DC voltage that the internal logic can process. #### C. Threshold Comparator This is the "logic" part of the switch. It compares the induced voltage against a preset reference level. * If the current in the wire exceeds the threshold, the comparator triggers the output. * The **Multi-turn Potentiometer** (adjustment screw) is used to set this threshold. #### D. Solid-State Output (MOSFET/Opto-isolator) Unlike a mechanical relay, this device uses a solid-state switch. * **Opto-isolation:** Ensures that the high-voltage monitored wire is electrically separated from the control circuit for safety. * **Switching Element:** Usually a MOSFET or Triac that closes the circuit when the current limit is reached. --- ### 3. Wiring Configuration The device usually features a 2-wire connection for the output. ```yaml Terminal 1: Output Common / Load Terminal 2: Output Switch / Control Signal Center Hole: Monitored AC Conductor (Primary) ``` ### 4. Typical Applications * **Motor Status:** Detecting if a fan or pump motor is actually running (proof of flow). * **Heater Elements:** Monitoring if a heating element has burnt out (loss of current). * **Safety Interlocks:** Ensuring a machine is powered down before allowing access. ---
    ✨ Follow-up Questions
    • How do I adjust the sensitivity threshold on this specific model?
    • What is the difference between a fixed-core and a split-core current switch?
    • Can this device be used to monitor DC current?