전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EE-SX910P-R

  • AI
    The **EE-SX910P-R** is a high-performance, photo-microsensor (u-shaped slot sensor) manufactured by **Omron**. It is widely used in industrial automation for position sensing, limit switching, and object detection. --- ### 1. Technical Specifications The "P" in the model name indicates **PNP output**, and the "R" indicates a **Robot Cable** (flexible cable) for high-durability applications. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Transmissive (Through-beam) | | **Slot Width** | 5 mm | | **Output Type** | PNP Open Collector | | **Operating Mode** | Dark-ON / Light-ON (Selectable via wiring) | | **Supply Voltage** | 5 to 24 VDC | | **Response Frequency** | 1 kHz min. (3 kHz average) | | **Indicator** | Incident Light LED (Red) | | **Cable Type** | 1m Flexible Robot Cable | --- ### 2. Electronic Internal Structure The device consists of two main electronic components housed in a U-shaped plastic body: 1. **Infrared LED (Emitter):** Located on one side of the slot. It emits a constant beam of infrared light. 2. **Phototransistor (Receiver):** Located on the opposite side. It detects the presence or absence of the IR beam. 3. **Output Circuitry:** Contains an internal transistor switch (PNP) that toggles based on whether the light path is broken by an object. --- ### 3. Wiring and Pinout The EE-SX910P-R typically uses a 3-wire or 4-wire configuration. Proper wiring is essential to prevent short-circuiting the PNP output. | Wire Color | Function | Connection | | :--- | :--- | :--- | | **Brown** | VCC | Connect to +5V to +24V DC | | **Blue** | GND (0V) | Connect to Power Supply Ground | | **Black** | Output | PNP Load (Connect to PLC Input or Relay) | | **Pink** | Mode Selection | Connect to VCC or Open to toggle Light-ON/Dark-ON | --- ### 4. Key Advantages * **High Speed:** With a response frequency of up to 3 kHz, it is suitable for high-speed counting or motor encoding. * **Durability:** The "R" suffix specifies a robot cable, which is designed to withstand millions of bending cycles in moving machinery. * **Compact Design:** The built-in amplifier eliminates the need for external controllers, making it ideal for tight spaces. --- ### 5. Application Example (Logic) In a **PNP configuration**, when the sensor is triggered: 1. The internal switch closes. 2. The **Black (Output) wire** outputs the positive supply voltage (VCC). 3. The load (e.g., a PLC) senses a "High" signal. ```python # Conceptual Logic for a PNP Sensor Input if sensor_output == HIGH: print("Object Detected (Dark-ON mode)") else: print("Path Clear") ```
    ✨ Follow-up Questions
    • ⤷ How do I switch between Light-ON and Dark-ON modes using the wiring?
    • ⤷ What is the difference between the EE-SX910P-R and the EE-SX910-R (non-P version)?
    • ⤷ What are the mounting precautions to avoid interference from ambient light?