전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EGF3JB

  • AI
    ## Overview of the EGF3JB Electronic Component The **EGF3JB** is a high-efficiency, surface-mount **Ultra Fast Recovery Rectifier**. It is designed specifically for high-frequency rectification and freewheeling applications in switching power supplies and converters. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the EGF3JB: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Device Type** | Ultra Fast Rectifier | - | | **Package Type** | DO-214BA (GF1) | - | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 | Volts | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 | Amps | | **Maximum Forward Voltage Drop ($V_F$)** | 1.25 | Volts | | **Reverse Recovery Time ($t_{rr}$)** | 50 | Nanoseconds | | **Operating Junction Temperature Range** | -65 to +175 | °C | --- ### 2. Physical and Mechanical Features The EGF3JB belongs to the **EGF series** and is characterized by its compact, low-profile design. * **Package Style:** Surface Mount Device (SMD). * **Encapsulation:** Molded plastic case (typically UL 94V-0 flammability rated). * **Terminals:** Matte tin-plated leads, solderable per J-STD-002. * **Polarity:** Color band denotes the cathode end. --- ### 3. Core Functionality & Benefits 1. **Ultra-Fast Switching:** With a reverse recovery time of only **50ns**, it minimizes switching losses, making it ideal for high-speed circuits. 2. **High Surge Capacity:** It is built to handle high forward surge currents, protecting the circuit during power-up or transient events. 3. **Low Thermal Resistance:** The design allows for efficient heat dissipation from the junction to the ambient environment or PCB traces. --- ### 4. Common Applications The EGF3JB is typically found in the following environments: * **Switching Mode Power Supplies (SMPS):** Used as an output rectifier. * **DC-DC Converters:** Facilitates energy transfer with minimal loss. * **Inverters:** High-speed rectification for motor drives or solar power. * **Freewheeling Diode:** Used to prevent inductive spikes in inductive load switching. --- ### 5. Identification Code On the physical part, the marking code is usually shortened. For the EGF3JB, you will often see the marking **EGF3J** on the body of the component. ---
    ✨ Follow-up Questions
    • What are the equivalent alternatives to the EGF3JB?
    • How does reverse recovery time impact efficiency in SMPS?
    • What is the difference between EGF3JB and a standard Shottky diode?