전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EJ12126SS..

  • AI
    The **EJ12126SS** is a specific model of an industrial enclosure manufactured by **Hammond Manufacturing**. It is part of the Eclipse Junior series. While the enclosure itself is a passive mechanical component, it is designed to house and protect electronic parts in harsh environments. Below is a breakdown of its technical specifications and the electronic roles it serves. --- ## 1. Technical Specifications The EJ12126SS is a stainless steel, wall-mount enclosure. | Feature | Specification | | :--- | :--- | | **Material** | 304 Stainless Steel | | **Dimensions (HxWxD)** | 12" x 12" x 6" | | **Protection Rating** | NEMA 3R, 4, 4X, 12, and 13 | | **IP Rating** | IP66 | | **Closure Type** | Quarter-turn latches (Slotted) | | **Mounting** | Internal mounting holes / Welded mounting feet | --- ## 2. Electronic Housing Capabilities This enclosure is designed to protect electronic components from water, dust, oil, and corrosion. Common electronic parts housed inside include: ### Power Management * **Power Supplies:** DIN-rail mounted AC/DC converters. * **Circuit Breakers:** Protection for internal electronics against overcurrent. * **Terminal Blocks:** For organized wiring and distribution. ### Control Systems * **PLCs (Programmable Logic Controllers):** Small-scale controllers for industrial automation. * **Relays and Contactors:** Used for switching high-power loads via low-power signals. * **HMI (Human Machine Interface):** The door can be cut to mount small display screens or touch panels. ### Environmental Control Since the unit is stainless steel, it reflects heat but can also trap it. Users often install: * **Thermostats:** To monitor internal temperature. * **Breather Drains:** To prevent condensation buildup inside the unit. * **Heating Elements:** To prevent freezing or moisture in outdoor cold-weather applications. --- ## 3. Physical Electronic Features * **Grounding (Earthing):** The enclosure features a dedicated stainless steel grounding stud on the body and a bonding stud on the door. This is critical for electronic safety to prevent static buildup or electrical shock. * **Gasket Protection:** It uses a seamless "poured-in-place" gasket. This ensures that sensitive electronic PCBs (Printed Circuit Boards) remain dry even during high-pressure hose-downs. * **Inner Panels:** It typically requires an internal mounting panel (e.g., **14G1111**), which is where the electronic components are actually fastened. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting panel part numbers for the EJ12126SS?
    • ⤷ How do I calculate the heat dissipation for electronics inside this enclosure?
    • ⤷ What is the difference between 304 and 316 stainless steel for this model?