AI

The **EJ14128SS** is a high-quality industrial enclosure manufactured by **Hammond Manufacturing**. It belongs to the "Eclipse Junior" series. While the enclosure itself is a mechanical housing, its design is specifically engineered to protect sensitive electronic components in harsh environments.
Below is the technical breakdown of its "electronic-related" specifications and physical attributes.
---
## 1. Technical Specifications
This enclosure is primarily used to house PLCs, power supplies, terminals, and sensitive PCB assemblies.
| Feature | Specification |
| :--- | :--- |
| **Material** | 304 Stainless Steel (14 Gauge) |
| **Dimensions (HxWxD)** | 14" x 12" x 8" |
| **NEMA Rating** | Type 3R, 4, 4X, 12, and 13 |
| **IP Rating** | IP66 (Dust-tight, protection against powerful water jets) |
| **Finish** | Natural Stainless Steel with smooth brushed finish |
| **Mounting** | Internal Weld Studs for mounting inner panels |
---
## 2. Key Electronic Protection Features
### A. Environmental Shielding
The "SS" in the model number denotes **Stainless Steel**, which provides superior electromagnetic shielding properties compared to plastic boxes. It also offers:
* **Corrosion Resistance:** Ideal for electronic systems in food processing, marine, or chemical plants.
* **Thermal Management:** The stainless steel body acts as a heat sink, though for high-heat electronics, active cooling (fans) may need to be integrated.
### B. Sealing & Gasketing
The door features a **seamless poured-in-place gasket**. This is critical for electronics because:
* It prevents moisture ingress that causes short circuits.
* It blocks fine conductive dust from settling on circuit boards.
### C. Grounding & Safety
To ensure the safety of electronic circuits and operators, the EJ14128SS includes:
* **Internal Grounding:** A grounding stud is provided on the door and in the enclosure body.
* **Bonding:** Ensures that the metal enclosure remains at the same potential, preventing static buildup that could damage CMOS components.
---
## 3. Compatible Internal Electronic Accessories
To make the enclosure functional for electronics, several sub-parts are often used:
* **Inner Panels (14G1311):** The white powder-coated steel or galvanized plate where you actually mount your DIN rails, relays, and controllers.
* **Quarter-Turn Latches:** Standard on this model, ensuring a consistent compression of the gasket for electronic integrity.
* **Breather Vents:** Often added to equalize pressure and prevent condensation buildup inside the electronic housing.
---
- ⤷
What are the specific panel options for the EJ14128SS?
- ⤷ Does this enclosure support DIN rail mounting directly?
- ⤷ Can this enclosure be customized with cutouts for HMI screens or buttons?