전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EMMT-AS-150-LR-HT-R2MY

  • AI
    The **EMMT-AS-150-LR-HT-R2MY** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is part of the EMMT-AS series, designed for demanding industrial automation tasks requiring high precision and dynamic response. --- ### 1. Technical Specifications Overview The electronic and electromechanical characteristics of this specific model are summarized below: | Feature | Specification | | :--- | :--- | | **Motor Type** | Permanent Magnet Synchronous Motor (PMSM) | | **Flange Size** | 150 mm | | **Nominal Voltage** | 565 V DC (Intermediate circuit voltage) | | **Nominal Torque** | ~30 Nm (Depends on cooling/mounting) | | **Peak Torque** | Significant margin above nominal for acceleration | | **Feedback System** | Absolute Encoder (Multi-turn or Single-turn options) | | **Winding Type** | High Torque (HT) | | **Connection Technology** | Single Cable Solution (OCP - One Cable Plug) | --- ### 2. Key Electronic Components & Features #### A. Digital Encoder System (R2MY) The "R2MY" suffix indicates the specific encoder configuration. * **Absolute Sensing:** Unlike incremental encoders, this system knows the motor's exact position immediately upon power-up without needing a homing run. * **Digital Link:** It likely utilizes a high-speed digital protocol (like EnDat 2.2 or Hiperface DSL) to transmit position data, temperature, and electronic nameplate information back to the drive. #### B. The Winding Design (HT) * **High Torque (HT):** The internal copper windings are optimized for high torque density. This allows for high rotational force even at lower speeds compared to standard high-speed variants. * **Insulation Class:** Typically Class 155 (F), allowing the internal electronics and coils to withstand operating temperatures up to 155°C. #### C. Integrated Electronic Nameplate The motor contains an internal memory chip that stores: * Motor parameters (inductance, resistance, torque constant). * Serial number and hardware revision. * The **CMMT-AS** (matching drive) reads this data automatically, enabling "Plug-and-Work" configuration and preventing damage from incorrect drive settings. #### D. Single Cable Connection (OCP) This motor utilizes a hybrid connector. Instead of separate cables for power and feedback: * **Power Leads:** Three phases (U, V, W) plus Ground. * **Brake (Optional):** Integrated into the same plug if equipped. * **Digital Feedback:** Shielded data pairs are bundled within the same outer sheath, reducing electromagnetic interference (EMI) via specialized internal shielding. --- ### 3. Application Context The electronics in this motor are designed to interface seamlessly with the **Festo CMMT-AS** servo drive. This combination ensures: 1. **High Dynamic Response:** Rapid changes in speed and direction. 2. **Thermal Monitoring:** Integrated PTC or KTY sensors protect the windings from overheating. 3. **Degree of Protection:** Usually rated at **IP67** (electronics and housing), making it suitable for harsh industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the EMMT-AS series?
    • ⤷ Can you explain the advantages of a Single Cable Plug (OCP) in electrical noise reduction?
    • ⤷ How does the 'HT' winding compare to the 'LS' (Low Speed) or 'HS' (High Speed) variants?