전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EMMT-AS-60-S-HS-RMB

  • AI
    The **EMMT-AS-60-S-HS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning tasks and dynamic motion control. --- ### 1. Technical Specifications Overview The model name follows a specific nomenclature that defines its electronic and mechanical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Flange Size** | 60 mm | Compact square flange size for standard mounting. | | **Motor Length** | S (Short) | Compact stack length for tight spaces. | | **Winding Type** | HS (High Speed) | Optimized for higher RPM with lower torque constants. | | **Feedback System** | RM | Absolute encoder, multi-turn, EnDat 2.2 protocol. | | **Brake** | B | Integrated 24V DC holding brake. | --- ### 2. Key Electronic Components #### A. The Multi-turn Absolute Encoder (RM) This is the "brain" of the motor's feedback loop. * **Protocol:** Uses **EnDat 2.2**, a high-speed digital interface. * **Function:** It tracks the exact position of the rotor within a single turn and counts the number of full rotations (multi-turn). * **Benefit:** No homing run is required upon power-up because the motor "remembers" its position even when disconnected from power. #### B. The Motor Windings (HS - High Speed) The internal copper windings are configured to handle specific voltage and current frequencies. * **Brushless Design:** Uses electronic commutation rather than mechanical brushes, reducing electrical noise and wear. * **Thermal Protection:** Includes an integrated temperature sensor (usually a PTC or digital sensor) connected to the encoder line to prevent winding burnout by signaling the drive to shut down if overheating occurs. #### C. Integrated Holding Brake (B) * **Voltage:** Operates on **24V DC**. * **Logic:** It is a "fail-safe" brake. When power is applied, the brake releases; when power is cut (or E-stopped), the brake engages via spring force to hold the load in place. --- ### 3. Connection System: OCP (One Cable Plug) One of the most significant electronic features of the EMMT-AS series is the **Single Cable Technology**. * **Hybrid Cable:** Power for the motor phases, power for the brake, and the digital encoder signals are all transmitted through a single hybrid cable. * **Benefits:** 1. Reduces wiring complexity. 2. Minimizes electromagnetic interference (EMI) issues through specialized shielding within the single jacket. 3. Space-saving at the motor housing. --- ### 4. Electrical Operating Data (Approximate) * **Nominal Voltage:** 325V - 560V DC (depending on the controller link). * **Insulation Class:** Class F (up to 155°C). * **Protection Class:** IP67 (for the housing and plug connection).
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the EMMT-AS series?
    • ⤷ How does the EnDat 2.2 protocol differ from standard incremental encoders?
    • ⤷ What is the holding torque capacity of the integrated 24V brake?