EMPCB.SMAFSTJ.C.HT
AI

The part number **EMPCB.SMAFSTJ.C.HT** identifies a specific high-frequency RF connector component, typically used in telecommunications, aerospace, and medical electronics.
Below is a breakdown of the technical characteristics based on the standard naming conventions for this type of electronic hardware.
---
### 1. Technical Specification Table
| Feature | Description |
| :--- | :--- |
| **Connector Series** | SMA (Sub-Miniature version A) |
| **Gender** | Female (Jack) |
| **Orientation** | Straight / Vertical |
| **Mounting Type** | PCB Surface Mount (SMT) or Edge Mount |
| **Body Material** | Brass or Stainless Steel (typically Gold plated) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Temperature Rating** | High Temperature (HT) rated (often up to 165°C or higher) |
---
### 2. Breakdown of the Part Number
The alphanumeric string can be deconstructed as follows:
* **EMPCB**: Indicates an **Edge Mount PCB** design. This means the connector is designed to slide onto the edge of a printed circuit board rather than sitting flat on top of it.
* **SMAF**: Identifies the interface as **SMA Female**. SMA connectors use a threaded interface and are known for their durability and high frequency range (up to 18 GHz).
* **STJ**: Stands for **Straight Jack**. This confirms the connector does not have a 90-degree bend and is the receptacle side of the connection.
* **C**: This usually refers to the **Contact** type or specific plating (e.g., Center contact gold plating).
* **HT**: Stands for **High Temperature**. This indicates the dielectric material (usually PTFE or a variant) and the housing are designed to withstand extreme thermal environments or high-heat soldering processes (like reflow soldering).
---
### 3. Application and Usage
These parts are critical in high-speed signal integrity environments. Common use cases include:
1. **RF Prototyping:** Used on evaluation boards for signal testing.
2. **Antenna Interconnects:** Providing a secure, threaded connection for external antennas.
3. **Microwave Modules:** Used in radar, satellite, and cellular base station equipment.
4. **High-Heat Environments:** The "HT" rating makes it suitable for industrial machinery or automotive engine compartments where standard connectors might melt or deform.
---
### 4. Typical Footprint Requirements (Example)
```cpp
// General PCB Layout Considerations for SMA Edge Mounts:
// 1. Trace Width: Must be calculated for 50 Ohm matched impedance.
// 2. Board Thickness: Edge mounts are specific to PCB thickness (e.g., 1.6mm).
// 3. Grounding: Large ground planes on top/bottom layers for EMI shielding.
```
---
- ⤷
What is the maximum frequency range supported by this SMA connector?
- ⤷ Does this part require through-hole pins for mechanical stability?
- ⤷ What is the specific PCB thickness required for the 'EM' edge mount version?