전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ENC-03RC-R

  • AI
    ## Overview of the ENC-03RC-R The **ENC-03RC-R** is a high-precision, miniature single-axis piezoelectric gyro sensor developed by Murata Manufacturing. It is designed to detect angular velocity (rate of rotation) based on the Coriolis force principle. It is commonly used in consumer electronics for image stabilization and motion detection. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 2.7V to 5.25V DC | | **Current Consumption** | Max 5mA | | **Angular Velocity Range** | ±300 deg/sec | | **Output Type** | Analog | | **Scale Factor** | 0.67 mV/deg/sec | | **Operating Temperature** | -5°C to +75°C | | **Dimensions** | 8.0 x 4.4 x 2.0 mm | --- ### 2. Operating Principle The sensor utilizes a **piezoelectric vibrating ceramic element**. 1. **Vibration:** The internal ceramic element is kept in a constant state of vibration. 2. **Coriolis Force:** When the sensor is rotated, the Coriolis force acts on the vibrating element in a direction perpendicular to the vibration. 3. **Detection:** This force produces an electrical signal proportional to the angular velocity. 4. **Output:** The internal circuitry processes this signal and outputs it as an analog voltage. --- ### 3. Pin Configuration and Integration The ENC-03RC-R typically features a surface-mount design with the following functional connections: * **Vcc:** Power supply input. * **GND:** Ground connection. * **OUT:** Analog output voltage representing the angular rate. * **REF:** Reference voltage output (usually Vcc/2), used to determine the "zero-rate" level. --- ### 4. Common Applications * **Camera Image Stabilization:** Compensating for "hand shake" in digital cameras and camcorders. * **Robotics:** Balancing and direction control for small mobile robots. * **Input Devices:** Motion-sensing game controllers or 3D mice. * **RC Vehicles:** Stabilization for RC helicopters or drones (yaw control). --- ### 5. Circuit Design Example To interface this sensor with a microcontroller (like an Arduino), a simple RC filter is often recommended on the output pin to reduce high-frequency noise. ```cpp // Basic Analog Read Logic int gyroPin = A0; // Connected to OUT int refPin = A1; // Connected to REF void setup() { Serial.begin(9600); } void loop() { int val = analogRead(gyroPin); int ref = analogRead(refPin); // Calculate the deviation from the reference (zero point) int angularVelocity = val - ref; Serial.println(angularVelocity); delay(10); } ```
    ✨ Follow-up Questions
    • ⤷ How does the ENC-03RC-R compare to modern MEMS gyroscopes like the MPU-6050?
    • ⤷ What is the specific purpose of the REF pin in differential signal processing?
    • ⤷ Can the ENC-03RC-R detect rotation on multiple axes simultaneously?