전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ENI58IL-R

  • AI
    The **ENI58IL-R** is a high-performance industrial incremental rotary encoder manufactured by Pepperl+Fuchs. It is known for its "Integrated Line" (IL) design, which balances robust mechanical features with precise electronic performance. ### 1. Key Electronic Specifications The electronics of the ENI58IL-R are designed to convert mechanical rotation into digital square-wave pulses. | Feature | Specification | | :--- | :--- | | **Output Type** | Push-Pull (HTL) or RS-422 (TTL) | | **Supply Voltage** | 4.75 V to 30 V DC (depending on driver) | | **Pulse Frequency** | Up to 400 kHz | | **Pulse Count** | 1 to 5,000 pulses per revolution (PPR) | | **Current Consumption** | $\le$ 70 mA (without load) | | **Output Channels** | A, B, and Z (index), plus inverted signals ($\bar{A}, \bar{B}, \bar{Z}$) | --- ### 2. Electronic Components and Logic #### A. The Optical Sensor System At the heart of the encoder is an **optoelectronic ASIC** (Application-Specific Integrated Circuit). - **Light Source:** High-reliability Infrared LEDs. - **Scanning:** A non-contact optical disk interrupts the light beam. - **Signal Processing:** The ASIC performs temperature compensation and signal conditioning internally to ensure stable output even at high speeds. #### B. Output Driver Circuits The ENI58IL-R typically offers two main electronic output architectures: 1. **Push-Pull (HTL):** Used for long cable runs and environments with high electrical noise. It outputs a voltage level nearly equal to the supply voltage. 2. **RS-422 (TTL):** Uses differential signaling (complementary signals) to provide high immunity against electromagnetic interference (EMI). #### C. Protection Circuitry The internal electronics include several layers of protection to ensure longevity in industrial environments: - **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed. - **Short-Circuit Protection:** Protects the output drivers if the signal lines are accidentally grounded or shorted. --- ### 3. Connection Types The electronic interface is accessible via two primary connection styles: - **M12 Plug Connector:** Standardized 5-pin or 8-pin circular connectors for "Plug and Play" installation. - **Cable Outlet:** Integrated shielded cable for fixed installations where space is limited. ### 4. Signal Diagram The encoder produces two square waves shifted by 90° (**Quadrature**), allowing the receiving electronics (PLC or Counter) to determine the direction of rotation. ```text Channel A: __|--|__|--|__ Channel B: |__|--|__|--|__ (90° Phase Shift) Index Z : _______|--|____ (Once per revolution) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the HTL and TTL output versions for this encoder?
    • ⤷ How does the 'Integrated Line' technology improve the lifespan of the electronics?
    • ⤷ What is the maximum cable length supported by the ENI58IL-R push-pull output?