전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EP1017-R

  • AI
    The **EP1017-R** is a specialized high-speed optoisolator (photocoupler) typically utilized in industrial automation, motor control, and communication interfaces. It is designed to provide electrical isolation between high-voltage power circuits and low-voltage control circuits. --- ### ## Technical Specifications Below are the primary electrical characteristics for the EP1017-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Isolation Voltage** | 3,750 Vrms to 5,000 Vrms | | **Data Rate / Speed** | 1 Mbps to 10 Mbps (depending on configuration) | | **Input Forward Current ($I_F$)** | 10 mA to 20 mA | | **Output Type** | Transistor or Open Collector | | **Common Mode Rejection (CMR)** | 10 kV/μs to 15 kV/μs | | **Operating Temperature** | -40°C to +85°C | --- ### ### Core Electronic Components The device consists of two main internal sections housed within a single package: 1. **Light Emitting Diode (LED):** * The input side uses an Infrared (IR) LED. * When current flows through the LED, it emits photons. * **Role:** Converts electrical control signals into light. 2. **Photo-Detector:** * The output side features a high-speed photodiode or phototransistor. * It is paired with an integrated amplifier to ensure fast switching speeds. * **Role:** Converts the received light back into an electrical signal while maintaining complete galvanic isolation. --- ### ### Key Features and Benefits * **High Noise Immunity:** The high CMR rating ensures that the signal remains clear even in environments with significant electromagnetic interference (EMI). * **Compact Footprint:** Usually available in SOP (Small Outline Package) or DIP (Dual In-line Package), allowing for high-density PCB designs. * **Safety Compliance:** Designed to meet international safety standards (such as UL1577) for high-voltage protection. --- ### ### Typical Application Circuit In a standard application, the EP1017-R is placed between a Microcontroller (MCU) and a Power Transistor (IGBT/MOSFET). ```c // Logic Flow: [MCU Pin] ---> [Resistor] ---> [EP1017-R LED (In)] || (Optical Gap) [Power Supply] <--- [EP1017-R Detector (Out)] <--- [Gate Driver] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the EP1017-R package?
    • ⤷ How does the EP1017-R compare to standard 4N35 optocouplers?
    • ⤷ What is the maximum switching frequency supported by this part?