전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EPRC05-R2F

  • AI
    The **EPRC05-R2F** is a specialized electronic component primarily used as a **Solar Charge Controller** for small-scale photovoltaic (PV) systems. It is designed to regulate the voltage and current coming from solar panels to safely charge batteries and power DC loads. --- ### 1. Key Technical Specifications Below is a breakdown of the electrical characteristics of the EPRC05-R2F: | Feature | Specification | | :--- | :--- | | **Rated Charge Current** | 5 Amps | | **Rated Load Current** | 5 Amps | | **System Voltage** | 12V DC | | **Overload Protection** | Yes (Electronic) | | **Short Circuit Protection** | Yes (Electronic) | | **Self-consumption** | < 6mA | | **Working Temperature** | -35°C to +55°C | --- ### 2. Core Electronic Components & Functions The device operates using a combination of power electronics and sensing circuitry: * **PWM (Pulse Width Modulation) Controller:** This is the "brain" of the unit. Instead of a simple ON/OFF switch, it uses PWM to gradually decrease the charging current as the battery reaches full capacity, preventing overheating and gassing. * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-efficiency switches used to control the flow of power from the PV array to the battery and from the battery to the load. * **Schottky Blocking Diode (Integrated):** Prevents "nighttime leakage," where current flows backward from the battery to the solar panel when there is no sun. * **Temperature Sensor:** Many versions include internal temperature compensation to adjust the charging voltage based on the ambient heat, ensuring battery longevity. --- ### 3. Connection Interface The unit typically features six screw terminals for the following electronic connections: 1. **Solar Terminals (+ / -):** Input from the Photovoltaic panel. 2. **Battery Terminals (+ / -):** Connection to the 12V lead-acid battery. 3. **Load Terminals (+ / -):** Output for DC appliances (like LED lights). --- ### 4. Protection Features The internal circuitry is designed to protect the electronic system from common failures: * **LVD (Low Voltage Disconnect):** Automatically cuts power to the load if the battery voltage drops too low to prevent permanent battery damage. * **Reverse Polarity Protection:** Protects the internal traces if the plus and minus wires are swapped during installation. * **TVS (Transient Voltage Suppressors):** Protects the internal chips from minor lightning surges or static discharge.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage of solar panel that can be used with the EPRC05-R2F?
    • ⤷ How does PWM charging differ from MPPT in small controllers like this?
    • ⤷ Can this controller be used with Lithium-ion batteries or only Lead-Acid?