전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ER03-R5M

  • AI
    ### ER03-R5M Electronic Component Overview The **ER03-R5M** is a specific type of electronic component, typically categorized as a **High-Voltage Rectifier Diode** (often used in microwave ovens and high-voltage power supplies). It is designed to convert alternating current (AC) to direct current (DC) in environments requiring high peak reverse voltages. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 5,000V (5kV) | | **Average Forward Current ($I_{F(AV)}$)** | 300mA to 500mA (0.3A - 0.5A) | | **Forward Voltage Drop ($V_F$)** | Approx. 10V - 14V | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (varies by manufacturer) | | **Operating Temperature** | -40°C to +130°C | --- ### Key Features and Construction * **Multi-Junction Structure:** Unlike standard 1N4007 diodes, high-voltage diodes like the ER03-R5M consist of multiple silicon junctions stacked in series within a single molded package to withstand kilovolt ranges. * **Encapsulation:** Usually features a flame-retardant epoxy resin body to prevent electrical arcing and withstand high thermal stress. * **Fast Recovery:** Designed to handle the high-frequency switching often found in modern inverter-based power supplies. --- ### Common Applications The ER03-R5M is most frequently found in the following circuits: 1. **Microwave Ovens:** Used in the high-voltage doubling circuit to power the magnetron. 2. **X-Ray Power Supplies:** Used in the rectification stage of small-scale imaging equipment. 3. **Electrostatic Air Purifiers:** To generate the high-voltage DC needed for ionizers. 4. **CRT Displays:** In the flyback transformer rectification stage (legacy hardware). --- ### Testing and Troubleshooting Because this is a high-voltage diode, it cannot be tested accurately with a standard digital multimeter (DMM) in "Diode Test" mode. * **Reason:** The internal forward voltage drop (~10V+) is higher than the test voltage provided by most multimeters (usually 2V-3V). * **Testing Method:** You must use a 9V or 12V battery in series with the diode and a resistor to check if current flows in one direction and not the other. ```text Circuit for testing: [DC Source +] ---- [Resistor 1kΩ] ---- [Diode (Anode)] [Diode (Cathode)] ---- [Multimeter in DC Volts] ---- [DC Source -] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or substitutes for the ER03-R5M diode?
    • ⤷ Why does a high voltage diode show an 'open circuit' on a standard multimeter?
    • ⤷ What are the safety precautions when replacing this part in a microwave?