전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ES1DL-SMA-R

  • AI
    The **ES1DL-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier**. It is widely used in power management circuits where high-speed switching and low power loss are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the ES1DL-SMA-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Diode Type** | Super Fast Recovery | Designed for high-frequency switching | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V | Maximum voltage it can block in reverse | | **Forward Current ($I_F$)** | 1.0A | Maximum continuous current flow | | **Forward Voltage Drop ($V_F$)** | ~0.95V @ 1A | Voltage lost across the diode when conducting | | **Reverse Recovery Time ($t_{rr}$)** | 35ns | Speed at which it switches from ON to OFF | | **Package Type** | SMA (DO-214AC) | Small footprint surface mount package | | **Operating Temperature** | -55°C to +150°C | Robust range for industrial use | --- ### 2. Physical & Mechanical Features - **Package Style:** The "SMA" in the part number refers to the **DO-214AC** standard. It features a low-profile design ideal for automated placement on PCBs. - **Polarity:** Indicated by a cathode band on the body of the component. - **Material:** Usually constructed with a glass-passivated chip junction to ensure high reliability and stability under high temperatures. --- ### 3. Applications Due to its **35ns recovery time**, this diode is specifically suited for: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in high-frequency AC/DC converters. 2. **Inverters:** Managing back-EMF and steering current in motor drives. 3. **DC-DC Converters:** Acting as a "freewheeling" diode to protect transistors from voltage spikes. 4. **Reverse Polarity Protection:** Protecting sensitive electronics from incorrectly connected batteries. --- ### 4. Part Number Breakdown The nomenclature typically follows this logic: * **ES:** Super Fast Recovery Series. * **1:** Represents the 1 Ampere current rating. * **D:** Represents the Voltage code (D usually signifies 200V). * **L:** Often indicates a low-profile or specific lead frame variation. * **SMA:** Defines the physical package size. * **R:** Generally indicates "Tape & Reel" packaging for assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard recovery and a super fast recovery diode?
    • ⤷ Can the ES1DL be replaced by a Schottky diode in 200V applications?
    • ⤷ How does the reverse recovery time impact the heat dissipation of the circuit?