ES2AB
AI

## Understanding the ES2AB Electronic Component
The **ES2AB** is a popular surface-mount electronic component, specifically classified as a **Super Fast Recovery Rectifier Diode**. It is widely used in power management and signal processing applications where high-speed switching is critical.
---
### 1. Key Technical Specifications
The ES2AB is part of the "ES2" series, typically housed in an **SMB (DO-214AA)** package. Below are the primary electrical characteristics:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 V |
| **Maximum RMS Voltage** | $V_{RMS}$ | 70 V |
| **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 2.0 A |
| **Peak Forward Surge Current (8.3ms pulse)** | $I_{FSM}$ | 50 A |
| **Maximum Reverse Recovery Time** | $t_{rr}$ | 35 ns |
| **Maximum Forward Voltage Drop** | $V_F$ | 0.95 V |
| **Operating Junction Temperature** | $T_J$ | -55 to +150 °C |
---
### 2. Physical Characteristics
* **Package Type:** SMB (DO-214AA).
* **Mounting Type:** Surface Mount (SMD).
* **Case Material:** Molded plastic (UL Flammability Classification 94V-0).
* **Terminals:** Solder plated, solderable per MIL-STD-750.
* **Polarity:** Indicated by a cathode band.
---
### 3. Core Features and Benefits
* **Super Fast Switching:** With a recovery time ($t_{rr}$) of only **35 nanoseconds**, it minimizes power loss during the transition from a conducting state to a blocking state.
* **Low Forward Voltage Drop:** Enhances efficiency by reducing heat dissipation during operation.
* **High Surge Capability:** Can handle momentary current spikes up to 50 Amps without failing.
* **Glass Passivated Junction:** Ensures high reliability and stability over time and temperature variations.
---
### 4. Common Applications
The ES2AB is designed for high-frequency rectification and freewheeling applications, including:
1. **Switching Mode Power Supplies (SMPS):** Used for output rectification.
2. **Inverters:** For high-speed DC-to-AC conversion.
3. **DC-DC Converters:** Found in automotive and telecommunication equipment.
4. **Polarity Protection:** Protecting sensitive circuits against reverse battery connection.
---
### 5. Identification Example
In a circuit schematic or bill of materials (BOM), the part is often represented as:
```text
Component: Diode
Type: Super Fast Recovery
Package: SMB
Part Number: ES2AB
Manufacturer Example: Vishay, ON Semi, Diodes Inc.
```
- ⤷What is the difference between ES2AB and ES2BB?
- ⤷ How does reverse recovery time (trr) affect circuit efficiency?
- ⤷ Can I use an ES2AB in a 220V AC rectification circuit?