전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESD-R

  • AI
    The **ESD-R** series typically refers to **EMI/EMC Clamp-on Ferrite Cores** (specifically those manufactured by companies like KEMET/TOKIN) designed for round cables. These are passive electronic components used to suppress high-frequency noise and electromagnetic interference (EMI). --- ## 1. Core Functions and Purpose The primary goal of an ESD-R component is to protect sensitive electronics from interference and ensure the device complies with electromagnetic compatibility (EMC) standards. | Feature | Description | | :--- | :--- | | **Material** | Usually made of **Ni-Zn (Nickel-Zinc)** ferrite material. | | **Suppression** | Targets high-frequency noise (typically in the MHz range). | | **Installation** | Designed to be clamped onto or threaded through by a cable/wire. | | **Mechanism** | Converts high-frequency noise energy into a small amount of heat. | --- ## 2. Technical Specifications ESD-R cores are categorized by their physical dimensions and the impedance they provide at specific frequencies. ### Common Parameters 1. **Impedance ($\Omega$):** The measure of how effectively the core resists noise. Measured at 25 MHz and 100 MHz. 2. **Inner Diameter (ID):** Must be slightly larger than the cable's outer diameter. 3. **Core Shape:** "R" stands for **Ring** or **Round** type. ### Material Types * **Mn-Zn (Manganese-Zinc):** Better for lower frequency noise (conducted emissions). * **Ni-Zn (Nickel-Zinc):** Better for higher frequency noise (radiated emissions), which is the standard for the ESD-R series. --- ## 3. Usage and Applications These parts are "last-mile" solutions often added during the testing phase when a product fails EMI certification. ### Key Applications: * **Consumer Electronics:** PC power cords, HDMI cables, and USB cables. * **Industrial Equipment:** Signal lines for sensors and motors. * **Automotive:** Suppressing noise from electronic control units (ECUs). --- ## 4. Implementation Example When using an ESD-R core, the number of "turns" significantly impacts performance. ```python # Pseudo-logic for EMI suppression effect def calculate_impedance(base_impedance, turns): # Impedance increases by the square of the number of turns return base_impedance * (turns ** 2) # Example: A core with 100 ohms base impedance and 2 turns total_z = calculate_impedance(100, 2) print(f"Total Impedance: {total_z} Ohms") # Result: 400 Ohms ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and an ESD-R ferrite core?
    • ⤷ How do I choose the correct inner diameter for an ESD-R core?
    • ⤷ Can ESD-R cores protect against actual Electrostatic Discharge (ESD) events?