전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESD-R-12E

  • AI
    ### Overview of the ESD-R-12E The **ESD-R-12E** is a specific type of **EMI (Electromagnetic Interference) core** or toroidal ferrite core manufactured by **KEMET**. Unlike active electronic components (like transistors), this is a passive component designed to suppress high-frequency noise in electrical circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Material Type** | Manganese-Zinc (Mn-Zn) | | **Shape** | Round / Toroidal (Ring) | | **Outer Diameter (OD)** | 14.3 mm | | **Inner Diameter (ID)** | 8.0 mm | | **Thickness (H)** | 6.0 mm | | **Operating Temperature** | -25°C to +85°C | | **Primary Function** | EMI/RFI Suppression | --- ### 2. Physical Composition The ESD-R-12E is made from **ferrite**, a ceramic-like material with high magnetic permeability but low electrical conductivity. * **Mn-Zn Material:** This specific chemical composition is optimized for suppressing noise in the lower frequency ranges (typically below 10 MHz to 30 MHz). * **Coating:** These cores are often bare or have a thin protective coating to prevent the ferrite from chipping. --- ### 3. How It Works The ESD-R-12E acts as a **Common Mode Choke** when a cable is passed through its center. 1. **Impedance:** It introduces high impedance to high-frequency signals (noise) while allowing low-frequency power or data signals to pass. 2. **Heat Dissipation:** It converts the energy from electromagnetic interference into a tiny amount of heat, effectively filtering the noise out of the line. 3. **Application:** It is commonly used by wrapping a power cord or data cable through the ring 1 or more times. --- ### 4. Common Applications * **Consumer Electronics:** Suppressing noise in power bricks for laptops. * **Industrial Equipment:** Protecting sensitive sensors from motor noise. * **Audio/Video:** Reducing "hum" or static caused by radio frequency interference. * **Medical Devices:** Ensuring signal integrity in diagnostic cables. --- ### 5. Implementation Example If you are designing a PCB or a cable assembly, you would use the ESD-R-12E as follows: ```text Cable Source ----> [ (ESD-R-12E Core) ] ----> Device Input ^-- Cable passes through the center hole ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite cores?
    • ⤷ How many turns of a wire are recommended for the ESD-R-12E?
    • ⤷ Does this component require a specific mounting bracket?