전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESD-R-12S

  • AI
    ## Overview of ESD-R-12S The **ESD-R-12S** is a specialized electronic component categorized as an **EMI Core** or **Toroidal Ferrite Core**. It is manufactured by **KEMET** (a subsidiary of YAGEO) and is part of their ESD-R series. These components are designed to suppress high-frequency noise in electronic circuits. --- ### 1. Key Technical Specifications The "12S" designation typically refers to the physical dimensions and the specific material properties of the core. | Feature | Specification / Value | | :--- | :--- | | **Material Type** | Manganese-Zinc (MnZn) | | **Shape** | Round / Toroidal (Ring) | | **Outer Diameter (OD)** | 12.0 mm | | **Inner Diameter (ID)** | 7.0 mm | | **Height (H)** | 5.0 mm | | **Application Range** | High frequency (AM band / MHz range) | | **Mounting Type** | Cable / Wire pass-through | --- ### 2. Working Principle The ESD-R-12S acts as a **passive low-pass filter**. When a wire is looped through the center of the ferrite ring: * It increases the **inductance** of the wire. * It creates high **impedance** against high-frequency electromagnetic interference (EMI). * It converts high-frequency noise energy into a small amount of heat, effectively "cleaning" the signal passing through the cable. --- ### 3. Electronic Characteristics The performance of the ESD-R-12S is measured by its **Impedance vs. Frequency** curve. * **Low Frequencies:** It offers very low resistance, allowing the desired signal/power to pass. * **High Frequencies (1MHz - 100MHz+):** The impedance rises sharply, blocking noise from switching power supplies, motors, or digital clocks. --- ### 4. Common Applications This specific part is widely used in both industrial and consumer electronics: 1. **Power Cables:** Suppressing noise entering or exiting a power supply. 2. **Signal Cables:** Preventing data corruption in communication lines (USB, RS-232). 3. **Consumer Electronics:** Used in TVs, audio equipment, and air conditioners to meet EMC (Electromagnetic Compatibility) regulations. 4. **Automotive:** Filtering noise in sensitive sensor wiring. --- ### 5. Installation Methods * **Single Pass:** The cable goes through the hole once. * **Multiple Turns:** The cable is looped through the hole two or more times. **Note:** Increasing the number of turns increases the impedance exponentially (specifically, by the square of the number of turns). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials in the ESD-R series?
    • ⤷ How do I calculate the required impedance for a specific noise frequency?
    • ⤷ Can the ESD-R-12S be used for automotive grade applications (AEC-Q200)?