전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESD-R-19B

  • AI
    The **ESD-R-19B** is a specific type of **EMI (Electromagnetic Interference) Core**, often referred to as a toroidal ferrite core. It is manufactured primarily by **KEMET** and is designed to suppress high-frequency noise in electronic circuits. --- ## 1. Technical Specifications The ESD-R series are round, manganese-zinc (MnZn) or nickel-zinc (NiZn) ferrite cores used to prevent interference on cables. | Parameter | Details | | :--- | :--- | | **Part Number** | ESD-R-19B | | **Material Type** | Ni-Zn (Nickel-Zinc) | | **Outer Diameter (OD)** | 19.0 mm | | **Inner Diameter (ID)** | 9.0 mm | | **Thickness (H)** | 8.0 mm | | **Operating Temp** | -25°C to +85°C | | **Primary Function** | Noise suppression / EMI filtering | --- ## 2. How it Works The ESD-R-19B acts as a **low-pass filter**. When a cable is looped through the center of this ring, it creates an inductance. * **Low Frequencies:** The core allows standard DC or AC power signals to pass with minimal resistance. * **High Frequencies:** The core exhibits high impedance against high-frequency noise (EMI/RFI), converting that unwanted energy into a small amount of heat within the ferrite material. --- ## 3. Key Electronic Characteristics ### A. Impedance vs. Frequency The effectiveness of the ESD-R-19B is measured by its impedance (Ω) at specific frequencies. Typically, Ni-Zn materials like this one are most effective in the **MHz range** (30 MHz to 300 MHz). ### B. Saturation Because it is a ferrite core, it has a "saturation point." If the current flowing through the wire is too high, the core can no longer absorb noise effectively. However, in most signal or low-power applications, this is not an issue. --- ## 4. Common Applications The ESD-R-19B is widely used in both consumer and industrial electronics: 1. **Power Cables:** Preventing noise from switching power supplies from leaking back into the grid. 2. **Data Lines:** Protecting sensitive signals (like USB or HDMI) from external radio frequency interference. 3. **Industrial Equipment:** Reducing electrical "noise" generated by motors or high-speed controllers. --- ## 5. Usage Code Example While this is a physical component, engineers often model its behavior in simulation software like SPICE to see how it affects a circuit. ```spice * Simple SPICE model for a Ferrite Bead behavior L1 1 2 10uH * Inductance of the wire through the core R1 1 2 100 * Frequency-dependent resistance (simplified) C1 1 2 2pF * Parasitic capacitance ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How many turns of a wire should be used with the ESD-R-19B for maximum efficiency?
    • ⤷ How do I calculate the impedance of this core at 100MHz?