전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESD-R-19D

  • AI
    ## ESD-R-19D: Ferrite Core for EMI Suppression The **ESD-R-19D** is a specific model of round, solid ferrite core produced by **KEMET**. It is designed to suppress electromagnetic interference (EMI) in electronic circuits by being placed over wires or cables. --- ### 1. Technical Specifications The "19D" designation typically refers to the physical dimensions and the specific material composition used for high-frequency noise absorption. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Round / Toroidal Solid Core | | **Material** | Manganese-Zinc (Mn-Zn) or Nickel-Zinc (Ni-Zn) | | **Outer Diameter (A)** | 19.0 mm | | **Inner Diameter (B)** | 10.0 mm | | **Thickness (C)** | 10.0 mm | | **Frequency Range** | High-frequency (typically up to 10–100 MHz range) | | **Operating Temp** | -25°C to +85°C | --- ### 2. How it Works (The Electronics Perspective) Ferrite cores like the ESD-R-19D function as a **low-pass filter**. They operate based on two primary principles: 1. **Inductance:** When a wire passes through the core, the ferrite increases the self-inductance of that conductor. This creates high impedance for high-frequency noise while allowing low-frequency signals (like DC or 60Hz power) to pass. 2. **Magnetic Loss:** At very high frequencies, the ferrite material converts the electromagnetic interference energy into a small amount of heat, effectively "absorbing" the noise. --- ### 3. Key Features * **Solid Construction:** Unlike "split" or "snap-on" cores, the ESD-R series are solid rings. This means the cable must be threaded through the core during assembly. * **Broadband Suppression:** Effective against both conducted and radiated emissions. * **Low Profile:** The compact 19mm diameter allows it to be used in tight spaces inside equipment housings. --- ### 4. Common Applications These parts are found in various consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards: * **Power Cables:** Suppressing noise from switching power supplies (SMPS). * **Data Lines:** Preventing signal distortion in USB, HDMI, or ribbon cables. * **Home Appliances:** Reducing motor noise in washers or refrigerators. * **Industrial Equipment:** Protecting sensitive sensors from factory floor interference. --- ### 5. Installation Example To increase effectiveness, designers often wrap the wire through the core multiple times. ```text Effectiveness = (Number of Turns)^2 ``` * **1 Turn:** Standard suppression. * **2 Turns:** 4x the impedance (suppression power). * **3 Turns:** 9x the impedance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How do I calculate the required impedance for an EMI filter?
    • ⤷ Can I use the ESD-R-19D for high-voltage DC lines?