전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESR-80AD-H-R

  • AI
    The **ESR-80AD-H-R** is a high-power **Solid State Relay (SSR)** manufactured by **ANLY Electronics**. It is designed to switch large AC loads using a low-voltage control signal, offering a more reliable and faster alternative to traditional mechanical contactors. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific capabilities: | Code | Meaning | Description | | :--- | :--- | :--- | | **ESR** | Series | Electronic Solid State Relay series. | | **80** | Amperage | Rated for a maximum load current of **80 Amperes**. | | **AD** | Control/Load | **A**C Load / **D**C Control (typically). | | **H** | High Voltage | Indicates high output voltage range (up to 480VAC). | | **R** | Switching Type | **Random Turn-on** (instead of Zero-cross). | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for this specific model: | Characteristic | Specification | | :--- | :--- | | **Load Current** | 80A Max | | **Load Voltage Range** | 24 ~ 480V AC | | **Input Control Voltage** | 4 ~ 32V DC | | **Switching Type** | Random Turn-on (R) | | **Isolation Dielectric** | 4000V AC (Input to Output) | | **Operating Temp** | -20°C to +80°C | --- ### 3. Electronic Components & Working Principle The ESR-80AD-H-R consists of several internal electronic sections: 1. **Input Circuit (Optocoupler):** * Uses an LED and a phototriac to provide **Galvanic Isolation**. This protects the low-voltage controller (like a PLC or Arduino) from the high-voltage load side. 2. **Trigger Circuit:** * Since this is the **"R" (Random)** version, the relay triggers immediately when the input signal is received, rather than waiting for the AC sine wave to cross zero. This is essential for phase-angle control and inductive loads. 3. **Power Switching Element (TRIAC/SCR):** * Uses a pair of high-power SCRs (Silicon Controlled Rectifiers) in anti-parallel to handle the 80A AC current. 4. **RC Snubber Network:** * An internal Resistor-Capacitor circuit protects the device from voltage spikes ($dv/dt$ transients) caused by inductive loads like motors. --- ### 4. Critical Installation Notes * **Heat Dissipation:** An 80A SSR generates significant heat (roughly 1.2 to 1.5 Watts per Ampere). **A large heatsink and thermal grease are mandatory.** * **Fusing:** Solid State Relays are sensitive to short circuits. Use **Fast-acting (Semiconductor) Fuses** to protect the internal SCRs. * **Random vs. Zero-Cross:** Use this "R" version if you are doing dimming or motor speed control. If you are only doing simple ON/OFF for heaters, a "Zero-Cross" version is usually preferred to reduce EMI.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Random Turn-on and Zero-Cross switching for this SSR?
    • ⤷ How do I calculate the required heatsink size for an 80A load?
    • ⤷ Can this SSR be used to control a 3-phase motor?