전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESS-20-CS

  • AI
    Based on the part number **ESS-20-CS**, this typically refers to a **Vacuum Suction Cup (Bellows style)** assembly, often manufactured by companies like **Festo** or similar industrial automation brands. While the part itself is mechanical/pneumatic, it is a critical component in **Electronic Assembly** and **Pick-and-Place** systems. Below is a breakdown of its electronic-related context, specifications, and integration. --- ### 1. Technical Specifications The "ESS" series represents the suction cup, "20" represents the diameter (20mm), and "CS" typically denotes the material or attachment style (often Silicone or chemical-resistant material). | Feature | Specification (Typical) | | :--- | :--- | | **Cup Diameter** | 20 mm | | **Material** | Often Silicone (High temperature/ESD safe options) | | **Connection** | Threaded (M5, G1/8, or Plug-in) | | **Operating Medium** | Atmospheric air based on vacuum | | **Application** | Electronics, Semiconductor handling, Packaging | --- ### 2. Electronic Systems Integration To make the ESS-20-CS functional in an automated environment, it must interface with several electronic components: #### A. Vacuum Solenoid Valves These are the electronic "switches" that control air flow. * **Function:** When an electrical signal (usually 24V DC) is sent to the solenoid, it opens the vacuum line to the ESS-20-CS to pick up a component. * **Control:** Managed by a PLC (Programmable Logic Controller) or a PC-based control system. #### B. Vacuum Sensors/Switches Electronic sensors are used to monitor the pressure at the cup. * **Feedback Loop:** If the cup fails to grip a part (leaking air), the vacuum sensor detects a drop in pressure and sends a digital signal back to the controller to trigger an error or retry. #### C. ESD (Electrostatic Discharge) Considerations In electronics manufacturing (handling PCBs or microchips): * The **CS** variant is often chosen for its material properties. If the material is **Antistatic/Conductive**, it prevents static electricity buildup that could destroy sensitive electronic components during the "Pick-and-Place" process. --- ### 3. Common Use Cases in Electronics 1. **PCB Assembly:** Picking up larger components (transformers, capacitors) that standard SMT nozzles cannot handle. 2. **Display Handling:** Moving LCD/OLED panels where a soft, non-marking touch is required. 3. **Battery Manufacturing:** Handling lithium-ion cells during the stacking process. --- ### 4. Maintenance & Electronic Monitoring * **Wear Detection:** As the silicone wears down, the "Time to Vacuum" increases. Advanced electronic controllers monitor this curve to predict when the part needs replacement (Predictive Maintenance). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between silicone and nitrile materials for this suction cup?
    • ⤷ How do I integrate a vacuum sensor with a PLC to monitor this part?
    • ⤷ Is there an ESD-safe version of the ESS-20 series?