AI

The **ESS15** typically refers to a **15-Watt Enclosed Switching Power Supply** (often part of the ESS series by manufacturers like Cosel or similar industrial power brands). These units are designed to convert AC line voltage into a regulated DC output for electronic circuits.
---
## 1. Core Electronic Components
The internal architecture of an ESS15 unit consists of several critical stages:
| Component Category | Primary Parts | Function |
|:---|:---|:---|
| **Input Stage** | Bridge Rectifier, Input Capacitor | Converts AC input (85-264V) to high-voltage DC. |
| **Switching Stage** | MOSFET, PWM Controller IC | Switches the DC current at high frequencies (kHz) to increase efficiency. |
| **Transformation** | High-Frequency Transformer | Steps down the voltage and provides galvanic isolation. |
| **Output Stage** | Schottky Diodes, LC Filter | Rectifies the high-frequency AC back to stable DC and removes ripple. |
| **Protection** | Zener Diodes, NTC Thermistor | Provides Overvoltage (OVP) and Overcurrent (OCP) protection. |
---
## 2. Key Specifications
To understand the electronic capabilities of the ESS15, here are the standard electrical parameters:
* **Wattage:** 15 Watts (Maximum).
* **Input Voltage Range:** 85V AC to 264V AC (or 110V to 370V DC).
* **Common Output Voltages:** 3.3V, 5V, 12V, 15V, or 24V DC.
* **Efficiency:** Typically ranges from **75% to 85%** depending on the load and voltage model.
* **Isolation Voltage:** Usually rated for 3,000V AC between input and output.
---
## 3. Terminal Connection Pinout
Most ESS15 units use a screw-terminal block for electronic integration. The standard configuration is as follows:
1. **AC (L):** Line Input.
2. **AC (N):** Neutral Input.
3. **FG:** Frame Ground (Earth).
4. **-V:** DC Output Negative (Ground).
5. **+V:** DC Output Positive.
6. **V.ADJ:** A small potentiometer (variable resistor) used to fine-tune the output voltage (typically ±10%).
---
## 4. Protection Features
The electronic design of the ESS15 includes safety circuits to prevent damage to connected components:
* **Overcurrent Protection:** The unit enters "hiccup mode" or limits current if a short circuit occurs, recovering automatically once the fault is removed.
* **Overvoltage Protection:** Shuts down the output if the voltage exceeds the rated limit (e.g., 115%–140%).
* **Conducted Noise:** Includes internal EMI filters to comply with standards like FCC Part 15 or EN55022 Class B.
- ⤷
What are the cooling requirements for an ESS15 power supply under full load?
- ⤷ How do I adjust the output voltage using the V.ADJ potentiometer?
- ⤷ Can the ESS15 be connected in series or parallel to increase power?