전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESS32S3

  • AI
    The **ESP32-S3** is a powerful System-on-Chip (SoC) from Espressif Systems, specifically designed for AIoT (Artificial Intelligence of Things) applications. It integrates high-performance processing, wireless connectivity, and specialized hardware for neural network acceleration. --- ### 1. Core Architecture and Processing The heart of the ESP32-S3 consists of a high-performance dual-core processor with specific enhancements for AI workloads. | Component | Specification | | :--- | :--- | | **CPU** | Xtensa® Dual-Core 32-bit LX7 microprocessor | | **Clock Speed** | Up to 240 MHz | | **AI Acceleration** | Dedicated vector instructions for Neural Network (NN) and Signal Processing (DSP) | | **SRAM** | 512 KB Internal SRAM | | **RTC Memory** | 16 KB for low-power operation | --- ### 2. Connectivity and Wireless Features The S3 variant focuses on robust 2.4 GHz wireless communication. * **Wi-Fi:** 802.11 b/g/n (up to 150 Mbps). It supports 40 MHz bandwidth in the 2.4 GHz band. * **Bluetooth:** Bluetooth 5 (LE) and Bluetooth Mesh. Features include long-range support and 2 Mbps high-speed mode. * **Antenna:** Supports external antenna switching through GPIOs for improved range and reliability. --- ### 3. Peripheral Interfaces (I/O) The ESP32-S3 offers a highly flexible pin mapping system through its GPIO matrix. * **GPIOs:** 45 programmable pins. * **High-Speed Interfaces:** Full-speed USB OTG (On-The-Go) support, which allows the chip to act as a USB host or device without external bridge chips. * **Communication:** 3x UART, 4x SPI, 2x I2C, 2x I2S, and RMT (Remote Control peripheral). * **Analog:** 2x 12-bit ADCs (up to 20 channels) and various temperature sensors. * **Touch:** 14 capacitive touch-sensing GPIOs. --- ### 4. Memory Expansion (Flash/PSRAM) Unlike older models, the S3 features a high-speed SPI/Octal SPI interface to support larger external memory. ```cpp // Example of accessing external memory in ESP-IDF #include "esp_heap_caps.h" void allocate_psram() { // Allocating memory specifically in the external PSRAM uint8_t *buffer = (uint8_t *)heap_caps_malloc(1024, MALLOC_CAP_SPIRAM); if (buffer != NULL) { // Use the buffer for large data like images or AI models } } ``` --- ### 5. Security and Power Management The chip includes hardware-based security features to ensure "Secure Boot" and data privacy. 1. **Secure Boot:** RSA-3048 based authentication. 2. **Flash Encryption:** AES-XTS based 256-bit encryption. 3. **Digital Signature:** Hardware accelerator for secure identity. 4. **Low Power:** Integrated power management unit (PMU) with multiple sleep modes (Deep-sleep current as low as 7μA). ---
    ✨ Follow-up Questions
    • ⤷What are the specific vector instructions used for AI in the ESP32-S3?
    • ⤷ How does the USB-OTG feature differ from the standard USB-to-UART bridge?
    • ⤷ What is the maximum supported size for external Octal SPI Flash and PSRAM?