전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ESS84

  • AI
    The **ESS84** (typically referring to the **ESS84-60** or similar models) is an integrated hybrid stepper motor with a built-in encoder and drive controller. It is part of the "Easy Servo" or "Closed-Loop Stepper" family, designed to bridge the gap between simple stepper motors and expensive AC servo systems. --- ## 1. Core Electronic Components The ESS84 is an all-in-one unit, meaning the motor, feedback system, and logic controller are integrated into a single chassis. | Component | Function | Description | | :--- | :--- | :--- | | **Stepper Motor** | Actuator | A NEMA 34 high-torque, 2-phase hybrid stepper motor. | | **Integrated Encoder** | Feedback | A high-resolution (typically 1000-line/4000 PPR) optical or magnetic encoder that monitors shaft position. | | **Drive Controller** | Power/Logic | A DSP-based (Digital Signal Processor) driver that regulates current based on encoder feedback. | | **I/O Interface** | Communication | Terminals for Pulse/Direction (PUL/DIR) signals, Alarm outputs, and Enable pins. | --- ## 2. Technical Specifications Below are the typical electronic characteristics found in the ESS84 series: ### Electrical Parameters * **Operating Voltage:** 24 - 70 VDC (Recommended ~60VDC for peak performance). * **Current Output:** Peak 6.0A - 8.0A (depending on the specific sub-model). * **Logic Signal Current:** 7 - 16mA. * **Pulse Input Frequency:** Up to 200 kHz. * **Isolation Resistance:** Min 100 MΩ. ### Functional Features 1. **Closed-Loop Control:** Unlike standard steppers, the internal electronics compare the target position with the encoder data to eliminate "loss of step." 2. **Variable Current:** The driver adjusts the current dynamically based on the load, which reduces motor heating and energy consumption. 3. **Alarm Output:** Features a dedicated circuit to send a signal to a PLC or CNC controller if a position error or over-voltage occurs. --- ## 3. Wiring and Pinout Configuration The ESS84 electronics are accessed via two main terminal groups: ### Power & Motor (High Current) * **VDC:** Positive Power Supply (24-70V). * **GND:** Power Ground. * **A+/A-/B+/B-:** Internal windings (usually pre-wired in the integrated version). ### Control Signal (Logic) * **PUL+ / PUL-:** Pulse signal input for speed/position control. * **DIR+ / DIR-:** Direction signal input. * **ENA+ / ENA-:** Enable/Disable motor torque. * **ALM+ / ALM-:** Fault/Alarm output signal. --- ## 4. Key Advantages of the ESS84 Electronic Design * **No Tuning:** Unlike traditional servos, the ESS84 often works out of the box without complex PID tuning. * **Space Saving:** Because the driver is mounted on the back of the motor, cabinet space requirements are significantly reduced. * **Reduced EMI:** Shorter wires between the driver and motor coils result in lower electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ESS84 and a standard NEMA 34 stepper motor?
    • ⤷ How do I configure the microstep settings on an integrated ESS84 motor?
    • ⤷ What type of power supply is best suited for an ESS84-60 model?