전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ET-8AI2-4AO2-M

  • AI
    The **ET-8AI2-4AO2-M** is a high-performance industrial remote I/O module typically used in automation and control systems. It functions as an interface between physical sensors/actuators and a master controller (like a PLC or PC) over a Modbus TCP/IP network. --- ## 1. Technical Specifications Overview The part number indicates its primary functions: **8 Analog Inputs (AI)** and **4 Analog Outputs (AO)** with Modbus (**M**) communication. | Feature | Specification | | :--- | :--- | | **Analog Inputs (AI)** | 8 Channels (Differential/Single-ended) | | **Analog Outputs (AO)** | 4 Channels | | **Input Type** | 0-20mA, 4-20mA, 0-5V, 0-10V | | **Output Type** | 0-20mA, 4-20mA, 0-5V, 0-10V | | **Resolution** | 12-bit or 16-bit (model specific) | | **Communication** | Modbus TCP (Ethernet RJ45) | | **Power Supply** | 10-30 VDC | | **Isolation** | 1500 VDC (Optical isolation) | --- ## 2. Core Electronic Components The internal circuitry of the ET-8AI2-4AO2-M consists of several key stages: ### A. Analog Input Section (ADC) * **Analog-to-Digital Converter:** Converts continuous voltage or current signals from sensors into digital data. * **Signal Conditioning:** Includes resistors and operational amplifiers (Op-Amps) to scale signals (e.g., converting 4-20mA to a voltage the ADC can read). * **Protection:** Equipped with TVS diodes to protect against over-voltage and surge. ### B. Analog Output Section (DAC) * **Digital-to-Analog Converter:** Translates digital commands from the network into precise voltage or current levels to control valves or motor drives. * **Drive Circuitry:** Capable of maintaining a stable current loop (up to 500Ω load) even with fluctuations in the supply voltage. ### C. Processing & Communication * **Microcontroller (MCU):** Manages data conversion, Modbus protocol stack, and internal logic. * **Ethernet Controller:** A dedicated chip or MCU integrated peripheral that manages the Physical Layer (PHY) for RJ45 connectivity. * **Isolation:** Optocouplers isolate the sensitive logic circuit from the high-power field-side signals to prevent ground loops. --- ## 3. Connection Pinout Logic Most modules in this series follow a standard terminal block layout: 1. **V+ / FG:** Power supply positive and Frame Ground. 2. **AI (0-7):** Positive terminals for the 8 analog input sensors. 3. **AGND:** Common ground for analog signals. 4. **AO (0-3):** Positive terminals for the 4 analog output actuators. 5. **RJ45 Port:** Connectivity to the LAN/Network switch. --- ## 4. Software Configuration Example Configuration is usually done via a web interface or a configuration utility. Below is a conceptual representation of how a Modbus register might be read in Python: ```python from pyModbusTCP.client import ModbusClient # Connect to the ET-8AI2-4AO2-M c = ModbusClient(host="192.168.1.10", port=502, auto_open=True) # Read Analog Input Channel 0 (Example Register 0) # The value is usually 0-4095 (12-bit) or 0-65535 (16-bit) ai_value = c.read_holding_registers(0, 1) if ai_value: print(f"Channel 0 Value: {ai_value[0]}") else: print("Communication Error") ```
    ✨ Follow-up Questions
    • ⤷ What is the sampling rate for the 8 analog input channels?
    • ⤷ Does this module support PoE (Power over Ethernet) or require external DC?
    • ⤷ How do you configure the input range (e.g.
    • ⤷ 4-20mA vs 0-10V) via software?