전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EX73221-RBB

  • AI
    The **EX73221-RBB** is a high-performance, industrial-grade Managed Ethernet Switch, typically manufactured by **EtherWAN**. It is designed for demanding environments like smart cities, traffic control, and industrial automation. Below is an explanation of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications The device is characterized by its "10+2" port configuration and its ability to handle high-bandwidth data with low latency. | Feature | Specification | | :--- | :--- | | **Port Configuration** | 10-port 10/100/1000BASE-T + 2-port 1G/10G SFP+ | | **Switching Capacity** | Up to 60 Gbps | | **Input Voltage** | 12 to 48VDC (Redundant Terminal Block) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Mounting** | DIN-Rail or Wall Mount | | **Management** | Layer 2+ (VLAN, IGMP, QoS, RSTP/MSTP) | --- ## 2. Key Electronic Components ### A. Networking & Processing Chipset * **Switching Fabric:** The heart of the unit is a high-speed ASIC (Application-Specific Integrated Circuit) capable of wire-speed Layer 2 switching. It handles the MAC address table (typically 16K entries) and frame forwarding. * **CPU:** An integrated ARM-based processor manages the web interface, SNMP, and security protocols (SSH/SSL). ### B. Connectivity Interfaces * **Copper Ports (RJ45):** 10 ports equipped with **Magnetic Isolation Transformers**. These protect the internal logic from power surges and static discharge (ESD) on the Ethernet cables. * **Fiber Slots (SFP+):** 2 slots supporting 10G speeds. These use high-speed SerDes (Serializer/Deserializer) interfaces to convert parallel data from the ASIC into serial data for optical transceivers. ### C. Power Management System * **DC-DC Converters:** Since the device accepts a wide range of input (12-48V), internal buck converters step down the voltage to 3.3V, 1.8V, and 1.0V for the various ICs. * **Redundancy Circuitry:** Dual power inputs use **Schottky diodes** or "Ideal Diode" controllers to ensure that if one power source fails, the other takes over instantly without a system reboot. ### D. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppressors are placed on data lines to clamp high-voltage spikes. * **Relay Output:** A physical "Fault" relay (dry contact) that opens or closes based on internal logic (e.g., port link down or power loss). --- ## 3. Physical & Environmental Design * **Enclosure:** Aluminum heat-sink chassis. Because this is a fanless design, the electronic components are thermally coupled to the metal case using **thermal pads** to dissipate heat. * **PCB Coating:** Often includes a conformal coating to protect the electronic traces from moisture and dust in industrial settings. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the EX73221-RBB and the PoE version of this switch?
    • ⤷ Which SFP+ transceivers are compatible with the 10G slots on this model?
    • ⤷ How do I configure the redundant power input on the terminal block?