전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EX77424-R31TR

  • AI
    The **EX77424-R31TR** is a high-performance, hardened industrial managed Ethernet switch manufactured by **EtherWAN**. This specific model is designed for critical infrastructure, such as traffic control, power utilities, and industrial automation, where environmental conditions are harsh. --- ### 1. Key Technical Specifications Below are the primary electronic and networking specifications for this hardware: | Feature | Specification | | :--- | :--- | | **Port Configuration** | 24-port 10/100BASE-TX + 4-port Gigabit (SFP or Copper) | | **Management** | Layer 2 Managed (SNMP, Web, Telnet, CLI) | | **Enclosure** | Ruggedized Metal Shell, IP30 rated | | **Mounting** | 1U 19" Rack-mount | | **Forwarding Mode** | Store-and-Forward | | **MAC Address Table** | 8K entries | | **Packet Buffer** | 4M bits | --- ### 2. Critical Electronic Components & Design #### A. Power Supply System * **Redundancy:** This unit typically supports dual power inputs to ensure zero downtime. If one power source fails, the secondary takes over immediately. * **Input Voltage:** Usually supports a wide range of DC inputs (e.g., 18-60VDC) or standard AC inputs depending on the specific module configuration. * **Relay Output:** Includes a physical relay contact that triggers an alarm in case of power failure or port link-down. #### B. Industrial Hardening (The "R" Series) The "R" in the model number often denotes a specific revision or **Ruggedized** certification. * **Operating Temperature:** Designed to operate between **-40°C to 75°C (-40°F to 167°F)** without the use of internal fans (Passive Cooling). * **Electromagnetic Compatibility (EMC):** High resistance to electrostatic discharge (ESD), surges, and electrical fast transients (EFT). * **Vibration/Shock Resistance:** Tested against IEC 60068 standards for constant vibration and mechanical shock. #### C. Integrated Circuits (ICs) and Switching Fabric * **Switching Capacity:** The internal backplane is designed for non-blocking wire-speed switching, handling up to 12.8Gbps (depending on specific revision bandwidth). * **SFP Slots:** The 4 Gigabit ports utilize SFP (Small Form-factor Pluggable) transceivers, allowing for fiber optic connectivity over long distances (up to 120km depending on the module). --- ### 3. Software & Logic Features The electronic firmware provides advanced Layer 2 management: 1. **Redundancy Protocols:** Supports **Alpha-Ring**, RSTP, MSTP, and STP to prevent network loops and provide sub-15ms recovery. 2. **VLAN Support:** Port-based, Tag-based (802.1Q), and Double VLAN (Q-in-Q). 3. **Security:** Features 802.1X Port-based Access Control, MAC Filtering, and RADIUS/TACACS+ support. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power input requirements for the R31TR variant?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What is the difference between the EX77424 and the EX77000 series?