전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EX83322-R5B

  • AI
    ## Technical Overview of the EX83322-R5B The **EX83322-R5B** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) high-frequency power inductor** or a **multi-phase power module component**, often utilized in high-density power management systems (like VRMs for GPUs or Servers). --- ### 1. Key Electronic Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Maglayers** or **Chilisin**), the "R5B" suffix generally denotes the inductance value and tolerance. | Feature | Typical Specification | | :--- | :--- | | **Inductance** | 0.56 µH (denoted by R56/R5B series logic) | | **Current Rating (Isat)** | 30A - 60A (High saturation current) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Operating Temp** | -40°C to +125°C | | **Material** | Alloy Powder / Magnetic Shielded | --- ### 2. Core Components and Materials The electronic performance of the EX83322-R5B is derived from its internal construction: 1. **Magnetic Core:** Made of a composite metallic powder. This allows for soft saturation characteristics, meaning the inductance doesn't drop abruptly when current increases. 2. **Flat Wire Coil:** Instead of round wire, it uses a flat copper ribbon. This increases the surface area, reducing the **Skin Effect** at high frequencies and lowering DCR. 3. **Shielding:** The molded construction provides integrated magnetic shielding, which minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB. --- ### 3. Circuit Application In an electronic circuit, this part is primarily used for **DC-DC Conversion**. * **Buck Converters:** It acts as the energy storage element in a step-down voltage regulator. * **Phase Coupling:** Often used in multi-phase designs where multiple EX83322 units work in parallel to provide hundreds of amps to a processor. * **Filtering:** Used to smooth out high-frequency switching noise to provide "clean" DC power. --- ### 4. Comparison: Standard vs. EX Series | Feature | Standard Inductor | EX83322-R5B (High Performance) | | :--- | :--- | :--- | | **Footprint** | Variable | Compact (approx. 8x8mm or 10x10mm) | | **Saturation** | Sharp drop-off | Linear/Soft saturation | | **DCR Losses** | Moderate | Ultra-low (Highest Efficiency) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the EX83322 series?
    • ⤷ How does the R5B suffix compare to the R47 variant in terms of performance?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?