전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • EYGS0610ZLAH

  • AI
    ## Overview of EYGS0610ZLAH The **EYGS0610ZLAH** is a high-performance thermal management component, specifically a **PGS (Pyrolytic Graphite Sheet)** manufactured by Panasonic. It belongs to the **Graphite-PAD** series, which combines high thermal conductivity with flexibility and compressibility. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Material Type** | Pyrolytic Graphite Sheet (PGS) + Silicon Resin | | **Thermal Conductivity (XY-axis)** | 700 to 1950 W/m·K (Graphite layer) | | **Thermal Conductivity (Z-axis)** | 13 W/m·K (Composite structure) | | **Thickness** | 1.0 mm (Nominal) | | **Dimensions** | 60 mm x 100 mm | | **Operating Temperature** | -40°C to 150°C | | **Flammability Rating** | UL94 V-0 | --- ### 2. Physical Structure & Composition The "ZLAH" variant is a **Graphite-PAD**, which differs from standard thin graphite sheets. It is constructed as follows: 1. **Core:** A highly oriented pyrolytic graphite sheet that provides exceptional heat spreading in the horizontal (X-Y) plane. 2. **Filling:** The graphite is combined with a specialized resin (typically silicone) to provide thickness and compressibility. 3. **Surfaces:** It is designed to be "tacky" or slightly adhesive to ensure good contact with heat sources and heat sinks without requiring additional thermal grease. --- ### 3. Electronic & Functional Benefits * **Heat Spreading:** Unlike traditional thermal pads that only move heat vertically (Z-axis), the EYGS0610ZLAH spreads heat across its surface area (X-Y axis), eliminating "hot spots." * **Compressibility:** Because it is 1.0mm thick and relatively soft, it fills gaps between uneven surfaces, such as a CPU/GPU and a chassis or heat pipe. * **EMI Shielding:** As a carbon-based material, it provides a degree of electromagnetic interference shielding, which is beneficial in dense electronic assemblies. * **Weight Reduction:** Much lighter than copper or aluminum heat spreaders, making it ideal for portable electronics. --- ### 4. Typical Applications * **Mobile Devices:** Smartphones and tablets where internal space is limited. * **Computing:** Laptops, SSDs (NVMe), and high-speed memory modules. * **Automotive:** ADAS sensor modules and LED lighting control units. * **Power Electronics:** IGBT modules and power converters requiring vibration resistance and thermal reliability. --- ### 5. Handling Precautions * **Conductivity:** The graphite core is **electrically conductive**. Users must ensure that the edges of the sheet do not come into contact with exposed electrical traces to prevent short circuits. * **Bending:** While flexible, sharp folds can crack the internal graphite structure, reducing its thermal efficiency.
    ✨ Follow-up Questions
    • ⤷ How does the thermal conductivity of EYGS0610ZLAH compare to traditional copper heat spreaders?
    • ⤷ Is there a non-conductive version of this thermal pad available for high-voltage applications?
    • ⤷ What is the recommended compression ratio for optimal thermal performance?