전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F1S-R100-FB

  • AI
    Based on the part number **F1S-R100-FB**, this component is a **Power Metal Film Resistor**. Specifically, it belongs to the **F1S Series** manufactured by **Stackpole Electronics** (though similar naming conventions are used by other precision resistor manufacturers like RCD Components). Below is the detailed breakdown of its electronic specifications and characteristics. --- ### 1. Part Number Breakdown Understanding the nomenclature is key to identifying its electrical limits: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **F1S** | 1-Watt Flameproof Metal Film Resistor (Small Size) | | **Resistance** | **R100** | 0.100 $\Omega$ (The 'R' acts as a decimal point) | | **Tolerance** | **F** | $\pm$1% | | **Packaging** | **B** | Bulk Packaging | --- ### 2. Core Electrical Specifications These parameters define how the component behaves in a circuit. | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.1 Ohms ($\Omega$) | | **Power Rating** | 1 Watt at 70°C | | **Tolerance** | $\pm$1% (Precision Grade) | | **Temperature Coefficient** | $\pm$100 ppm/°C (Typical) | | **Maximum Working Voltage** | 300V - 350V (Dependent on specific series revision) | | **Dielectric Strength** | 500V | | **Operating Temperature** | -55°C to +155°C | --- ### 3. Key Electronic Features #### A. Metal Film Technology Unlike carbon composition resistors, metal film resistors are constructed by depositing a thin layer of metal onto a ceramic rod. * **Low Noise:** They produce significantly less thermal noise, making them ideal for sensitive audio or measurement circuits. * **Stability:** They maintain their resistance value much better over time and temperature fluctuations compared to carbon film. #### B. Flameproof Coating The "F" in the series often denotes a **Flameproof** construction. * **Safety:** In an overload condition, the resistor is designed not to ignite or produce flames. The coating will typically turn brown or white and "open" the circuit safely. #### C. Power-to-Size Ratio The "S" in F1S stands for **Small (or Slim)**. * This resistor offers a **1-Watt** power rating in a body size typically reserved for 0.5-Watt resistors. This allows for high-density PCB designs where space is limited but power dissipation is required. --- ### 4. Common Applications Due to its low resistance (0.1 $\Omega$) and 1W power handling, this part is commonly used for: * **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V=I \times 0.1$). * **Shunt Resistors:** Bypassing current in power supply modules. * **Feedback Loops:** Used in power amplifiers or DC-DC converters for stable regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical body size (dimensions) of the F1S series?
    • ⤷ Can this resistor be used in pulse-loading applications?
    • ⤷ What are the recommended soldering profiles for this metal film resistor?