전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F1SQ-R10-JB

  • AI
    The **F1SQ-R10-JB** is a specific part number typically associated with the **F1SQ Series** of compact, high-performance image processing systems (Smart Sensors) manufactured by **Omron**. Below is a detailed breakdown of its electronic components, technical specifications, and functions. --- ## 1. Technical Specifications This device is an integrated vision sensor designed for industrial automation, focusing on high-speed inspection and pattern recognition. | Feature | Specification | | :--- | :--- | | **Model Type** | Compact Smart Sensor (F1SQ Series) | | **Resolution** | Standard VGA or higher (depending on configuration) | | **Input Voltage** | 20.4 to 26.4 VDC | | **Current Consumption** | Approx. 0.5A max | | **Interface** | RS-232C / Ethernet (via adapter) / Parallel I/O | | **Operating Temperature** | 0 to 50°C | --- ## 2. Key Electronic Components ### A. The Image Processing Engine The "brain" of the F1SQ-R10-JB is a specialized Digital Signal Processor (DSP) or Application-Specific Integrated Circuit (ASIC). - **Function:** It performs real-time edge detection, feature extraction, and pattern matching. - **Logic:** It uses the "Real-color" sensing technology to process images based on 16.7 million colors, allowing it to distinguish subtle color differences that monochrome sensors cannot. ### B. I/O Interface (Input/Output) The electronic architecture includes several physical connection points for integration: 1. **Trigger Inputs:** Opto-isolated inputs that tell the sensor when to capture an image (usually linked to a PLC or proximity sensor). 2. **Parallel Outputs:** Dedicated pins for "OK/NG" (Pass/Fail) signals and busy status. 3. **Serial Communication:** An RS-232C port used for data output (like coordinates or measurement values) to a PC or HMI. ### C. Optical System Interface The unit features a dedicated connector for the camera head. The electronic signal path ensures: - High-speed data transfer between the CMOS/CCD head and the controller. - Synchronization of the LED strobe light to the shutter speed of the sensor. --- ## 3. Operational Features The F1SQ-R10-JB is electronically designed to handle the following tasks: 1. **Search & Alignment:** Finds the position of a workpiece within the field of view. 2. **Color Verification:** Uses RGB decomposition to ensure parts are the correct color. 3. **Defect Inspection:** Detects scratches, dust, or missing components by comparing the live image to a "Master" image stored in its internal flash memory. --- ## 4. Wiring Diagram Overview *Note: Always refer to the official Omron manual for pin assignments.* ```text Power Supply (24VDC) ----> [V+] ----> [V-] PLC Trigger Out ----> [TRIG Input] Controller Status ----> [BUSY Output] Inspection Result ----> [GATE/OR Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible camera heads for the F1SQ series?
    • ⤷ How do I configure the RS-232C communication settings for this device?
    • ⤷ Does the F1SQ-R10-JB support DIN rail mounting?