전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2139BA-R

  • AI
    ## Detailed Technical Analysis: F2139BA-R The **F2139BA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)**, specifically a high-frequency filter or coupler used in telecommunications and RF (Radio Frequency) circuits. --- ### 1. Component Overview The "F2139BA-R" is commonly associated with **SAW (Surface Acoustic Wave)** technology or specialized RF filtering. These components are essential for isolating specific signal frequencies while suppressing interference. | Attribute | Specification | | :--- | :--- | | **Category** | RF & Microwave Components | | **Component Type** | SAW Filter / Bandpass Filter | | **Mounting Type** | SMD (Surface Mount Device) | | **Standard Frequency** | Varies by application (Commonly 2140 MHz range for LTE/WCDMA) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics These parts are designed to handle high-frequency signals with minimal loss. Below are the primary electronic characteristics: * **Insertion Loss:** Measures the loss of signal power resulting from the insertion of a device in a transmission line. Typically kept very low (e.g., < 3.0 dB). * **Impedance Matching:** Usually designed for a **50Ω (Ohm)** system to ensure maximum power transfer and minimum reflection. * **Selectivity:** The ability of the filter to pass signals within a specific band while rejecting signals outside that band. * **Operating Temperature:** Typically rated from **-30°C to +85°C**, making it suitable for consumer electronics like smartphones and routers. --- ### 3. Pinout and Internal Structure While specific internal schematics are proprietary to manufacturers (like Murata, Kyocera, or TDK), the general structure of a SAW device involves: 1. **Piezoelectric Substrate:** The base material (often Lithium Tantalate or Lithium Niobate) that converts electrical signals to mechanical waves. 2. **IDT (Interdigital Transducer):** Metallic "comb-like" structures that generate the acoustic waves. 3. **Input/Output Ports:** The physical pads on the bottom of the SMD package. --- ### 4. Typical Applications The F2139BA-R is frequently utilized in the following circuits: * **Mobile Handsets:** Filtering signals for LTE, 4G, and 5G bands. * **Wireless LAN:** Improving signal-to-noise ratios in Wi-Fi modules. * **Base Stations:** Used in the RF front-end modules of cellular towers. * **GPS Receivers:** Selecting the precise satellite frequency while blocking cellular interference. --- ### 5. Part Number Breakdown Often, these part numbers follow a specific logic: * **F:** Frequency or Filter series designation. * **2139:** Usually refers to the center frequency (2139 MHz or 2140 MHz band). * **BA:** Package style or internal revision code. * **-R:** Indicates **RoHS compliance** or **Reel packaging** for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency and bandwidth of the F2139BA-R?
    • ⤷ Which manufacturers produce the F2139BA-R or its direct equivalents?
    • ⤷ What are the soldering profile requirements for this SMD component?